Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAST10102RGBA2 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EAST10102RGBA2
Description  Compatible with automatic placement equipment.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST10102RGBA2 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EAST10102RGBA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 11Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 12Page - Everlight Electronics Co., Ltd EAST10102RGBA2 Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DATASHEET
SMD
 B
EAST10102RGBA2
9
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 25-Apr-2018
Issue No: DSE-0020219
Rev.1
www.everlightamericas.com
Package Dimension
Note: Tolerances unless mentioned ±0.1mm. Unit = mm
Suggested pad dimension is just for reference only.
Please modify the pad dimension based on individual need.
 
Ver.:1
Release Date:05/02/2018
狀態:Developing(開發階段)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com