Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP1011BCB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP1011BCB
Description  PCI Hot Plug Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011BCB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP1011BCB Datasheet HTML 1Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 2Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 3Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 4Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 5Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 6Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 7Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 8Page - Renesas Technology Corp HIP1011BCB Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HIP1011B
FN4640 Rev 5.00
Page 2 of 9
November 18, 2004
Typical Application
Simplified Schematic
12V,
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
3VS
OCSET
M12VO
12VG
GND
12VO
5VISEN
5VS
PWRON
M12VG
HIP1011B
3.3V,
12V INPUT
5V,
-12V,
5V INPUT
-12V INPUT
POWER CONTROL INPUT
0.033
F
0.033
F
6.04k
FAULT OUTPUT (ACTIVE LOW)
(OPTIONAL)
5m
, 1%
0.033
F
NOTE:
ALL CAPACITORS ARE
10%.
1%
3.3V INPUT
5m
, 1%
7.6A OUT
0.5A OUT
0.1A OUT
5A OUT
HUF761315K8
FLTN
5VS
3V5VG
5VISEN
3VS
OCSET
3VISEN
12VIN
12VG
12VO
M12VIN
M12VG
M12VO
PWRON
GND
12VIN
POWER-ON
RESET
VCC
VCC
VCC
100
A
0.3
0.7
FAULT LATCH
VOCSET
5V ZENER
REFERENCE
VCC
5VREF
VOCSET/17
VOCSET/0.8
VCC
SET (LOW = FAULT)
RESET
VCC
LOW = FAULT
LOW WHEN VCC < 10V
HIGH = SWITCHES ON
HIGH =
FAULT
COMP
-
+
COMP
-
+
VOCSET/13.3
COMP
-
+
VCC
VCC
VOCSET/3.3
COMP
-
+
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com