Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6004D Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP6004D
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004D Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP6004D Datasheet HTML 2Page - Renesas Technology Corp HIP6004D Datasheet HTML 3Page - Renesas Technology Corp HIP6004D Datasheet HTML 4Page - Renesas Technology Corp HIP6004D Datasheet HTML 5Page - Renesas Technology Corp HIP6004D Datasheet HTML 6Page - Renesas Technology Corp HIP6004D Datasheet HTML 7Page - Renesas Technology Corp HIP6004D Datasheet HTML 8Page - Renesas Technology Corp HIP6004D Datasheet HTML 9Page - Renesas Technology Corp HIP6004D Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HIP6004D
FN4855 Rev 3.00
Page 6 of 14
July 13, 2005
GND (Pin 11)
Signal ground for the IC. All voltage levels are measured
with respect to this pin.
PGOOD (Pin 12)
PGOOD is an open collector output used to indicate the
status of the converter output voltage. This pin is pulled low
when the converter output is not within
10%of the
DACOUT reference voltage. Exception to this behavior is the
‘11111’ VID pin combination which disables the converter; in
this case PGOOD asserts a high level.
PHASE (Pin 13)
Connect the PHASE pin to the upper MOSFET source. This
pin is used to monitor the voltage drop across the MOSFET
for over-current protection. This pin also provides the return
path for the upper gate drive.
UGATE (Pin 14)
Connect UGATE to the upper MOSFET gate. This pin
provides the gate drive for the upper MOSFET.
BOOT (Pin 15)
This pin provides bias voltage to the upper MOSFET driver.
A bootstrap circuit may be used to create a BOOT voltage
suitable to drive a standard N-Channel MOSFET.
PGND (Pin 16)
This is the power ground connection. Tie the lower MOSFET
source to this pin.
LGATE (Pin 17)
Connect LGATE to the lower MOSFET gate. This pin
provides the gate drive for the lower MOSFET.
VCC (Pin 18)
Provide a 12V bias supply for the chip to this pin.
OVP (Pin 19)
The OVP pin can be used to drive an external SCR in the
event of an overvoltage condition. Output rising 15% more
than the DAC-set voltage triggers a high output on this pin
and disables PWM gate drive circuitry.
RT (Pin 20)
This pin provides oscillator switching frequency adjustment.
By placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a pull-up resistor (RT) from this pin
to VCC reduces the switching frequency according to the
following equation:
Functional Description
Initialization
The HIP6004D automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary. The
Power-On Reset (POR) function continually monitors the input
supply voltages. The POR monitors the bias voltage at the VCC
pin and the input voltage (VIN) on the OCSET pin. The level on
OCSET is equal to VIN less a fixed voltage drop (see over-
current protection). The POR function initiates soft start
operation after both input supply voltages exceed their POR
thresholds. For operation with a single +12V power source, VIN
and VCC are equivalent and the +12V power source must
exceed the rising VCC threshold before POR initiates
operation.
Soft Start
The POR function initiates the soft start sequence. An internal
10µA current source charges an external capacitor (CSS) on
the SS pin to 4V. Soft start clamps the error amplifier output
(COMP pin) and reference input (+ terminal of error amp) to the
SS pin voltage. Figure 3 shows the soft start interval with
CSS =0.1F. Initially the clamp on the error amplifier (COMP
pin) controls the converter’s output voltage. At t1 in Figure 3,
the SS voltage reaches the valley of the oscillator’s triangle
wave. The oscillator’s triangular waveform is compared to the
ramping error amplifier voltage. This generates PHASE pulses
of increasing width that charge the output capacitor(s). This
interval of increasing pulse width continues to t2. With sufficient
output voltage, the clamp on the reference input controls the
output voltage. This is the interval between t2 and t3 in Figure 3.
At t3 the SS voltage exceeds the DACOUT voltage and the
output voltage is in regulation. This method provides a rapid
and controlled output voltage rise. The PGOOD signal toggles
‘high’ when the output voltage (VSEN pin) is within
10% of
DACOUT. The 2% hysteresis built into the power good
comparators prevents PGOOD oscillation due to nominal
output voltage ripple.
Fs 200kHz
5 x 10
6
RT k

---------------------
+
(RT to GND)
Fs 200kHz 4 x 10
7
RT k

---------------------
–
(RT to 12V)
0V
0V
0V
TIME (5ms/DIV)
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGE
t2
t3
PGOOD
(2V/DIV)
t1
FIGURE 3. SOFT START INTERVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com