Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6004ECVZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP6004ECVZ
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004ECVZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP6004ECVZ Datasheet HTML 6Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 7Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 8Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 9Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 10Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 11Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 12Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 13Page - Renesas Technology Corp HIP6004ECVZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
HIP6004E
FN4997 Rev 3.00
Page 11 of 14
November 10, 2015
Schottky Selection
Rectifier D2 is a clamp that catches the negative inductor swing
during the dead time between turning off the lower MOSFET and
turning on the upper MOSFET. The diode must be a Schottky
type to prevent the lossy parasitic MOSFET body diode from
conducting. It is acceptable to omit the diode and let the body
diode of the lower MOSFET clamp the negative inductor swing,
but efficiency will drop one or two percent as a result. The diode’s
rated reverse breakdown voltage must be greater than the
maximum input voltage.
HIP6004E DC-DC Converter Application
Circuit
Figure 11 shows an application circuit of a DC-DC Converter
for a microprocessor. Detailed information on the circuit,
including a complete bill-of-materials and circuit board
description, can be found in AN9916. This application note
also contains the application information for ISL6525, an
controller IC designed to meet the VTT voltage and power-up
sequencing specification given in the Intel VRM8.5.
+12V
PGND
HIP6004E
GND
LGATE
UGATE
PHASE
BOOT
VCC
+5V OR LESS
NOTE:
NOTE:
VG-S VCC
Q1
Q2
+
-
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
VG-S VCC -5V
D2
+12V
+VOUT
PGND
HIP6004E
VSEN
RT
FB
COMP
VID25mV
VID0
VID1
VID2
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
CIN
L2
COUT
0.1
F
1
F
0.1
F
0.1
F
470pF
10nF
56K
3.32K
2.4
H
3x1000
F
5x1000
F
0.033
F
LGATE
UGATE
OCSET
PHASE
BOOT
27
D1
Q1
Q2
2N6394
1.8K
1000pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
19
20
18
AND
PROTECTION
+
-
+
-
Component Selection Notes:
COUT - Each 1000F 6.3W VDC, Rubycon ZA series or equivalent.
CIN - Each 330F 25W VDC, Rubycon ZA series or equivalent.
L2 - Core: micrometals T68-52A; winding: 7 turns of 16AWG.
L1 - Core: micrometals T50-52; winding: 5 turns of 16AWG.
D1 - 1N4148 or equivalent.
D2 - 3A, 40V Schottky, Motorola MBR340 or equivalent.
Q1- Intersil MOSFET; HUF76137.
Q2- Intersil MOSFET; HUF76139.
FIGURE 11. MICROPROCESSOR DC-DC CONVERTER
8
VID3
L1 - 1
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com