Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6004BCRZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP6004BCRZ
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6004BCRZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP6004BCRZ Datasheet HTML 7Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 8Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 9Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 10Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 11Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 12Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 13Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 14Page - Renesas Technology Corp HIP6004BCRZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
HIP6004B
FN4567 Rev 3.00
Page 12 of 15
November 9, 2004
HIP6004B DC-DC Converter Application Circuit
Figure 11 shows an application circuit of a DC-DC Converter
for an Intel Pentium Pro microprocessor. Detailed information
on the circuit, including a complete
Bill-of-Materials and circuit board description, can be found in
Application Note AN9672. Although the Application Note
details the HIP6004, the same evaluation platform can be used
to evaluate the HIP6004B.
+12V
+VO
PGND
HIP6004B
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
CIN
L2
COUT
0.1µF
2x 1µF
0.1µF
0.1µF
2.2nF
8.2nF
20K
1.33K
3µH
5x 1000µF
9x 1000µF
0.1µF
LGATE
UGATE
OCSET
PHASE
BOOT
15
D1
Q1
Q2
2N6394
1K
1000pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
19
20
18
AND
PROTECTION
+
-
+
-
8
VID4
L1 - 1µHµ
Component Selection Notes:
COUT - Each 1000µF 6.3W VDC, Sanyo MV-GX or Equivalent.
CIN - Each 330µF 25W VDC, Sanyo MV-GX or Equivalent.
L2 - Core: Micrometals T50-52B; Each Winding: 10 Turns of 16AWG.
L1 - Core: Micrometals T50-52; Winding: 5 Turns of 18AWG.
D1 - 1N4148 or Equivalent.
D2 - 3A, 40V Schottky, Motorola MBR340 or Equivalent.
Q1, Q2 - Intersil MOSFET; RFP70N03.
FIGURE 11. PENTIUM PRO DC-DC CONVERTER
HIP6004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com