Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6501ACB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP6501ACB
Description  Triple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6501ACB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP6501ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 10Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 11Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 12Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 13Page - Renesas Technology Corp HIP6501ACB Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
HIP6501A
FN4749 Rev 6.00
Page 12 of 14
December 30, 2004
Q4
If a P-Channel MOSFET is used to switch the 5VSB output
of the ATX supply into the 5VDUAL output during S3 and
S4/S5 states (as dictated by EN5VDL status), then, similar to
the situation where Q1 is a MOSFET, the selection criteria of
this device is also proper voltage budgeting. The maximum
rDS(ON), however, has to be achieved with only 4.5V of VGS,
so a logic level MOSFET needs to be selected. If a PNP
device is chosen to perform this function, it has to have a low
saturation voltage while providing the maximum sleep-state
current and have a current gain sufficiently high to be
saturated using the minimum drive current (typically 20mA;
4mA during soft-start).
Q3, Q5
The two N-Channel MOSFETs are used to switch the 3.3V
and 5V inputs provided by the ATX supply into the
3.3VDUAL and 5VDUAL outputs, respectively, while in
active (S0, S1) states. Similar rDS(ON) criteria apply in these
cases as well, unlike the PMOS, however, these NMOS
transistors get the benefit of an increased VGS drive
(approximately 8V and 7V, respectively).
Q2
The NPN transistor used as sleep-state pass element on the
3.3VDUAL output must have a minimum current gain of 100
at VCE = 1.5V, and ICE = 500mA throughout the in-circuit
operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com