Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC1121LP6GETR Datasheet(PDF) 7 Page - Analog Devices

Part # HMC1121LP6GETR
Description  4 W, GaAs, pHEMT, MMIC Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1121LP6GETR Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC1121LP6GETR Datasheet HTML 3Page - Analog Devices HMC1121LP6GETR Datasheet HTML 4Page - Analog Devices HMC1121LP6GETR Datasheet HTML 5Page - Analog Devices HMC1121LP6GETR Datasheet HTML 6Page - Analog Devices HMC1121LP6GETR Datasheet HTML 7Page - Analog Devices HMC1121LP6GETR Datasheet HTML 8Page - Analog Devices HMC1121LP6GETR Datasheet HTML 9Page - Analog Devices HMC1121LP6GETR Datasheet HTML 10Page - Analog Devices HMC1121LP6GETR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
HMC1121
Rev. A | Page 7 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
40
30
20
10
0
–10
–20
–30
4
6
5
7
8
9
10
FREQUENCY (GHz)
S11
S21
S22
Figure 9. Response (Broadband Gain and Return Loss) vs. Frequency for S21,
S11, and S22
0
–25
–20
–15
–10
–5
5
6
7
8
9
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 10. Input Return Loss vs. Frequency at Various Temperatures
40
30
32
34
36
38
5
6
7
8
9
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 11. P1dB vs. Frequency at Various Temperatures
30
20
22
24
26
28
5
6
7
8
9
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 12. Gain vs. Frequency at Various Temperatures
0
–25
–20
–15
–10
–5
5
6
7
8
9
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 13. Output Return Loss vs. Frequency at Various Temperatures
40
30
32
34
36
38
5
6
7
8
9
FREQUENCY (GHz)
6V
7V
Figure 14. P1dB vs. Frequency at Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com