Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL5761/2IBZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL5761/2IBZ
Description  10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5761/2IBZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL5761/2IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL5761/2IBZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ISL5761
FN6009 Rev 4.00
Page 6 of 14
Sep 15, 2015
Input Logic Current, IIH, IL
-20
-
+20
A
Clock Input Current, IIH, IL
-10
-
+10
A
Digital Input Capacitance, CIN
-5
-
pF
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 15
-
1.5
-
ns
Data Hold Time, tHLD
See Figure 15
-
1.5
-
ns
Propagation Delay Time, tPD
See Figure 15
-
1
-
Clock
Cycles
CLK Pulse Width, tPW1, tPW2
See Figure 15 (Note 3)
2
-
-
ns
POWER SUPPLY CHARACTERISTICS
AVDD Power Supply
(Note 8)
2.7
3.3
3.6
V
DVDD Power Supply
(Note 8)
2.7
3.3
3.6
V
Analog Supply Current (IAVDD)
3.3V, IOUTFS = 20mA
-
27.5
28.5
mA
3.3V, IOUTFS = 2mA
-
10
-
mA
Digital Supply Current (IDVDD)
3.3V (Note 5)
-
3.7
5
mA
3.3V (Note 6)
-
6.5
8
mA
Supply Current (IAVDD) Sleep Mode
3.3V, IOUTFS = Don’t Care
-
1.5
-
mA
Power Dissipation
3.3V, IOUTFS = 20mA (Note 5)
-
103
111
mW
3.3V, IOUTFS = 20mA (Note 6)
-
110
120
mW
3.3V, IOUTFS = 2mA (Note 5)
-
45
-
mW
Power Supply Rejection
Single Supply (Note 7)
-0.125
-
+0.125
%FSR/V
NOTES:
2. Gain Error measured as the error in the ratio between the full scale output current and the current through RSET (typically 625A). Ideally the
ratio should be 32.
3. Parameter guaranteed by design or characterization and not production tested.
4. Spectral measurements made with differential transformer coupled output and no external filtering. For multitone testing, the same pattern was
used at different clock rates, producing different output frequencies but at the same ratio to the clock rate.
5. Measured with the clock at 130MSPS and the output frequency at 5MHz.
6. Measured with the clock at 200MSPS and the output frequency at 20MHz.
7. See “Definition of Specifications”.
8. Recommended operation is from 3.0V to 3.6V. Operation below 3.0V is possible with some degradation in spectral performance. Reduction in
analog output current may be necessary to maintain spectral performance.
9. See Typical Performance Plots.
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40oC TO 85oC
UNITS
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com