Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST16WL18 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST16WL18
Description  Smartcard MCU With Modular Arithmetic Processor 18 Kbytes High Density EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16WL18 Datasheet(HTML) 1 Page - STMicroelectronics

  ST16WL18 Datasheet HTML 1Page - STMicroelectronics ST16WL18 Datasheet HTML 2Page - STMicroelectronics ST16WL18 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
April 2004
For further information contact your local ST sales office.
ST19WL18
Smartcard MCU With Modular Arithmetic Processor
& 18 Kbytes High Density EEPROM
3
PRODUCT FEATURES
I
ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
I
112 KBYTES USER ROM WITH
PARTITIONING
I
4 KBYTES USER RAM WITH
PARTITIONING
I
18 KBYTES USER EEPROM WITH
PARTITIONING including 128 BYTES USER
and ST OTP AREA:
–
Highly reliable CMOS EEPROM
submicron technology
–
Error Correction Code for single bit fail
correction within a byte
–
10 year data retention
–
500,000 Erase/Write cycles endurance
–
1 to 64 bytes Erase or Program in 2 ms
I
SECURITY FIREWALLS FOR MEMORIES,
MODULAR ARITHMETIC PROCESSOR and
ENHANCED DES ACCELERATOR.
I
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH
PROGRAMMING AND CLOCK
MANAGEMENT.
I
3x8 BIT TIMERS WITH INTERRUPT
CAPABILITY
I
HARDWARE SECURITY ENHANCED DES
ACCELERATOR WITH LIBRARY SUPPORT
FOR SYMMETRICAL ALGORITHMS:
–
DES, triple DES computations and CBC
chaining mode...
I
1088 Bit MODULAR ARITHMETIC
PROCESSOR WITH LIBRARY SUPPORT
FOR ASYMMETRICAL ALGORITHMS
–
Fast modular multiplication and squaring
using Montgomery method
–
Software Crypto libraries in separate ST
ROM area for efficient algorithm coding
using a set of advanced functions
–
Software selectable operand length up to
2176 bits.
I
ISO 3309 CRC CALCULATION BLOCK
I
FIPS 140-2 COMPLIANT RANDOM
NUMBER GENERATOR WITH TWO GUN
REGISTERS (Generators of Unpredictable
Number)
I
2.7 V TO 5.5 V SUPPLY VOLTAGE
I
EXTERNAL CLOCK FREQUENCY UP TO
8MHz
I
HIGH PERFORMANCE PROVIDED USING
INTERNAL CLOCK FREQUENCY
I
UNIQUE SERIAL NUMBER ON EACH DIE
I
POWER SAVING STANDBY MODE
I
CONTACT ASSIGNMENT COMPATIBLE
ISO 7816-2
I
2SERIAL ACCESS I/O’S, ISO 7816-3
COMPATIBLE
I
ESD PROTECTION GREATER THAN 5000 V
Figure 1. Delivery Form
Function
Speed(1)
1.
Typical values, independent from external clock frequency
and supply voltage.
RSA 1024 bits signature with CRT(2)
2.
CRT: Chinese Remainder Theorem.
85 ms
RSA 1024 bits signature without CRT(2)
282 ms
RSA 1024 bits verification (e=’$10001’)5.5 ms
RSA 1024 bits key generation
2.5 s
RSA 2048 bits signature with CRT(2)
570 ms
RSA 2048 bits verification (e=’$10001’)91 ms
Triple DES (with enhanced security)
58.0 µs
Single DES (with enhanced security)
43.0 µs
259a.ai
Micromodule
Wafer


Similar Part No. - ST16WL18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16 STMICROELECTRONICS-ST16 Datasheet
146Kb / 21P
CHIP SET INTERFACE SPECIFICATION
logo
RFE international
ST16-103 RFE-ST16-103 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-104 RFE-ST16-104 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-154 RFE-ST16-154 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
STMicroelectronics
ST16-19HDSE STMICROELECTRONICS-ST16-19HDSE Datasheet
168Kb / 3P
Development Environment For ST16 and ST19 Smartcard MCU Families
Oct-1999
More results

Similar Description - ST16WL18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16CF54 STMICROELECTRONICS-ST16CF54 Datasheet
35Kb / 3P
Smartcard MCU With 4 KBytes EEPROM 512 Bits Modular Arithmetic Processor
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
Smartcard MCU With 34 Kbytes High Density EEPROM
Dec-2004
ST19WL34 STMICROELECTRONICS-ST19WL34 Datasheet
46Kb / 3P
Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
Apr-2003
ST19XL34V2 STMICROELECTRONICS-ST19XL34V2 Datasheet
157Kb / 4P
Smartcard MCU With Modular Arithmetic Processor & 34 Kbytes High Density EEPROM
Sep-2002
ST19WI18 STMICROELECTRONICS-ST19WI18 Datasheet
54Kb / 3P
SMASmartcard MCU With Modular Arithmetic Processor, I2C & 18 Kbytes High Density EEPROM
Apr-2004
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
2004-Apr
ST19WK08 STMICROELECTRONICS-ST19WK08 Datasheet
58Kb / 3P
Smartcard MCU With Modular Arithmetic Processor & 8 Kbytes EEPROM
Apr-2004
ST19WK08-A STMICROELECTRONICS-ST19WK08-A Datasheet
45Kb / 3P
Smartcard MCU With Modular Arithmetic Processor ISO Asynchronous Receiver Transmitter & 8 Kbytes EEPROM
Sep-2004
ST19WL18 STMICROELECTRONICS-ST19WL18 Datasheet
45Kb / 3P
Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
Apr-2004
ST21Y068 STMICROELECTRONICS-ST21Y068 Datasheet
89Kb / 4P
Smartcard MCU with 68 KBytes High Density EEPROM
20-Mar-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com