Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6263CHRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6263CHRZ
Description  5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6263CHRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6263CHRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6263CHRZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL6263C
FN6745 Rev 1.00
Page 13 of 18
July 8, 2010
an external capacitor across the BOOT and PHASE pins
completes the bootstrap circuit.
The minimum value of the bootstrap capacitor can be calculated
using Equation 3:
where QGATE is the amount of gate charge required to fully
charge the gate of the upper MOSFET. The
VBOOT term is
defined as the allowable droop in the rail of the upper drive.
As an example, suppose an upper MOSFET has a gate
charge, QGATE, of 25nC at 5V and also assume the droop in
the drive voltage at the end of a PWM cycle is 200mV. One will
find that a bootstrap capacitance of at least 0.125µF is
required. The next larger standard value capacitance is
0.15µF. A good quality ceramic capacitor is recommended.
Soft-Start and Soft Dynamic VID Slew Rates
The output voltage of the converter tracks VSOFT, the voltage
across the SOFT and VSS pins. Shown in Figure 1, the SOFT
pin is connected to the output of the VID DAC through the
unidirectional soft-start current source ISS or the bidirectional
soft-dynamic VID current source IDVID, and the non-inverting
input of the error amplifier. Current is sourced from the SOFT
pin when ISS is active. The SOFT pin can both source and sink
current when IDVID is active. The soft-start capacitor CSOFT
changes voltage at a rate proportional to ISS or IDVID. The
ISL6263C automatically selects ISS for the soft-start sequence
so that the inrush current through the output capacitors is
maintained below the OCP threshold. Once soft-start has
completed, IDVID is automatically selected for output voltage
changes commanded by the VID inputs, charging CSOFT when
the output voltage is commanded to rise, and discharging
CSOFT when the output voltage is commanded to fall.
The GPU voltage regulator may require a minimum voltage
slew rate, which will be guaranteed by the value of CSOFT. For
example, if the regulator requires 10mV/µs slew rate, the value
of CSOFT can be calculated using Equation 4:
IDVID is the soft-dynamic VID current source, and its minimum
value is specified in the “Electrical Specifications” table on
page 5. Choosing the next lower standard component value of
0.015µF will guarantee 10mV/µs slew rate. This choice of
CSOFT controls the startup slew-rate as well. One should
expect the output voltage during soft-start to slew to the
voltage commanded by the VID settings at a nominal rate
given by Equation 5:
Note that the slew rate is the average rate of change between
the initial and final voltage values.
It is worth it to mention that the surge current charges the
output capacitors when the output voltage is commanded to
rise. This surge current could be high enough to trigger the OC
protection circuit if the voltage slew rate is too high, or/and the
output capacitance is too large. The overcurrent set point
should guarantee the VID code transition successful.
RBIAS Current Reference
The RBIAS pin is internally connected to a 1.545V reference
through a 3kΩ resistance. A bias current is established by
connecting a
±1% tolerance, 150kΩ resistor between the RBIAS
and VSS pins. This bias current is mirrored, creating the reference
current IOCSET that is sourced from the OCSET pin. Do not
connect any other components to this pin, as they will have a
negative impact on the performance of the IC.
Setting the PWM Switching Frequency
The R3 modulator scheme is not a fixed-frequency
architecture, lacking a fixed-frequency clock signal to produce
PWM. The switching frequency increases during the
application of a load to improve transient performance. The
static PWM frequency varies slightly depending on the input
voltage, output voltage, and output current, but this variation is
normally less than 10% in continuous conduction mode.
Refer to Figure 2 and find that resistor RFSET is connected
between the V W and COMP pins. A current is sourced from VW
through RFSET creating the synthetic ripple window voltage
signal VW, which determines the PWM switching frequency. The
relationship between the resistance of RFSET and the switching
frequency in CCM is approximated using Equation 6:
t is the switching period. For example, the value of RFSET for
300kHz operation is approximated using Equation 7:
FIGURE 7. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
20nC
VBOOT_CAP (V)
2.0
1.6
1.4
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
1.2
1.8
CBOOT
QGATE
V
BOOT
------------------------
(EQ. 3)
CSOFT
IDVIDmin
10mV
s
----------------


-------------------------
180
A
10K
------------------
0.018
F
=
=
=
(EQ. 4)
dVSOFT
dt
-----------------------
ISS
CSOFT
-------------------
42
A
0.015
F
-----------------------
=
=
2.8mV
s
------------------
(EQ. 5)
RFSET
t0.5 10
6
–
–

400 10
12
–
---------------------------------------
=
(EQ. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com