Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6504ACBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6504ACBZ
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6504ACBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6504ACBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6504ACBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL6504, ISL6504A
FN9062 Rev 2.00
Page 13 of 17
Apr 13, 2004
Q1
The NPN transistor used as sleep state pass element on the
3.3VDUAL output has to have a minimum current gain of 100 at
1.5V VCE and 650mA ICE throughout the in-circuit operating
temperature range. For larger current ratings on the 3.3VDUAL
output (providing the ATX 5VSB output rating is equally
extended), selection criteria for Q1 include an appropriate
current gain (hfe) and saturation characteristics.
Q2, Q4
These N-Channel MOSFETs are used to switch the 3.3V and
5V inputs provided by the ATX supply into the
3.3VDUAL/3.3VSB and 5VDUAL outputs while in active (S0, S1)
state. The main criteria for the selection of these transistors is
output voltage budgeting. The maximum rDS(ON) allowed at
highest junction temperature can be expressed with the
following equation:
, where
VINmin - minimum input voltage
VOUTmin - minimum output voltage allowed
IOUTmax - maximum output current
Q3
If a P-Channel MOSFET is used to switch the 5VSB output of
the ATX supply into the 5VDUAL output during sleep states,
then the selection criteria of this device is proper voltage
budgeting. The maximum rDS(ON), however, has to be
achieved with only 4.5V of gate-to-source voltage, so a logic
level MOSFET needs to be selected. If a PNP device is chosen
to perform this function, it has to have a low- saturation voltage
while providing the maximum sleep current and have a current
gain sufficiently high to be saturated using the minimum drive
current (typically 20mA).
rDS ON
max
VINmin VOUTmin
–
IOUTmax
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com