Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6556B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6556B
Description  Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6556B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6556B Datasheet HTML 16Page - Renesas Technology Corp ISL6556B Datasheet HTML 17Page - Renesas Technology Corp ISL6556B Datasheet HTML 18Page - Renesas Technology Corp ISL6556B Datasheet HTML 19Page - Renesas Technology Corp ISL6556B Datasheet HTML 20Page - Renesas Technology Corp ISL6556B Datasheet HTML 21Page - Renesas Technology Corp ISL6556B Datasheet HTML 22Page - Renesas Technology Corp ISL6556B Datasheet HTML 23Page - Renesas Technology Corp ISL6556B Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL6556B
FN9097 Rev 4.00
Page 21 of 24
December 28, 2004
Input Supply Voltage Selection
The VCC input of the ISL6556B can be connected either
directly to a +5V supply or through a current limiting resistor to
a +12V supply. An integrated 5.8V shunt regulator maintains
the voltage on the VCC pin when a +12V supply is used. A
300
 resistor is suggested for limiting the current into the
VCC pin to a worst-case maximum of approximately 25mA.
Switching Frequency
There are a number of variables to consider when choosing
the switching frequency, as there are considerable effects on
the upper-MOSFET loss calculation. These effects are
outlined in MOSFETs, and they establish the upper limit for
the switching frequency. The lower limit is established by the
requirement for fast transient response and small output-
voltage ripple as outlined in Output Filter Design. Choose
the lowest switching frequency that allows the regulator to
meet the transient-response requirements.
Switching frequency is determined by the selection of the
frequency-setting resistor, RT (see the figures labeled
Typical Application on pages 4 and 5). Figure 13 and
Equation 27 are provided to assist in selecting the correct
value for RT.
Input Capacitor Selection
The input capacitors are responsible for sourcing the ac
component of the input current flowing into the upper
MOSFETs. Their RMS current capacity must be sufficient to
handle the ac component of the current drawn by the upper
MOSFETs which is related to duty cycle and the number of
active phases.
For a two phase design, use Figure 14 to determine the
input-capacitor RMS current requirement given the duty
cycle, maximum sustained output current (IO), and the ratio
of the per-phase peak-to-peak inductor current (IL,PP) to IO.
Select a bulk capacitor with a ripple current rating which will
minimize the total number of input capacitors required to
support the RMS current calculated. The voltage rating of
the capacitors should also be at least 1.25 times greater
than the maximum input voltage.
Figures 15 and 16 provide the same input RMS current
information for three and four phase designs respectively.
Use the same approach to selecting the bulk capacitor type
and number as described above.
Low capacitance, high-frequency ceramic capacitors are
needed in addition to the bulk capacitors to suppress leading
and falling edge voltage spikes. The result from the high
current slew rates produced by the upper MOSFETs turn on
and off. Select low ESL ceramic capacitors and place one as
close as possible to each upper MOSFET drain to minimize
board parasitic impedances and maximize suppression.
RT
1.0203 10

10.6258- 1.03167

fS

log

1200
–
·
=
(EQ. 27)
FIGURE 13. RT vs SWITCHING FREQUENCY
100
1000
10000
10
SWITCHING FREQUENCY (kHz)
10
100
1000
0.3
0.1
0
0.2
FIGURE 14. NORMALIZED INPUT-CAPACITOR RMS CURRENT
vs DUTY CYCLE FOR 2-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VO / VIN)
IL,PP = 0
IL,PP = 0.5 IO
IL,PP = 0.75 IO
DUTY CYCLE (VO / VIN)
FIGURE 15. NORMALIZED INPUT-CAPACITOR RMS CURRENT
vs DUTY CYCLE FOR 3-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
0.3
0.1
0
0.2
IL,PP = 0
IL,PP = 0.25 IO
IL,PP = 0.5 IO
IL,PP = 0.75 IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com