Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA15027 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA15027
Description  ~70째 very wide beam. Assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15027 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA15027 Datasheet HTML 1Page - Ledil, Inc. CA15027 Datasheet HTML 2Page - Ledil, Inc. CA15027 Datasheet HTML 3Page - Ledil, Inc. CA15027 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA15027_MINNIE-LT-WWW
MINNIE-LT-WWW
~70° very wide beam. Assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35 mm
Height
15.8 mm
Fastening
tape
Colour
metal
Box size
480 x 280 x 300 mm
Box weight
3.7 kg
Quantity in Box
720 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
MINNIE-LT-WWW
Reflector
PC
metal
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 14/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA15027

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
CA15-9-ADP MULTITECH-CA15-9-ADP Datasheet
1Mb / 35P
DE15M-DE9F Serial Cable, Data Only (6 ft)
December 29, 2014
CA15-9-D MULTITECH-CA15-9-D Datasheet
1Mb / 35P
DE15M-DE9F Serial Cable, Data Only (6 ft)
December 29, 2014
logo
Ledil, Inc.
CA15150 LEDIL-CA15150 Datasheet
5Mb / 5P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class requirements where road width is equal to or less than the pole height. Assembly with installation tape.
logo
Cree, Inc
CA15226 CREE-CA15226 Datasheet
1Mb / 27P
Strada series
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
Forward throw beam optimized for European tunnels
More results

Similar Description - CA15027

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with installation tape.
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
~70째 wide beam. Assembly with holder and installation tape.
CA13045 LEDIL-CA13045_18 Datasheet
10Mb / 5P
~70째 very wide beam. Assembly with holder and installation tape.
CA13179 LEDIL-CA13179 Datasheet
2Mb / 4P
~70째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA11826 LEDIL-FA11826_18 Datasheet
3Mb / 8P
~70째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
~85째 wide beam. Assembly with installation tape.
CA13747 LEDIL-CA13747 Datasheet
1Mb / 5P
~165째 wide beam. Assembly with installation tape.
FA11948 LEDIL-FA11948 Datasheet
2Mb / 7P
~90째 160째 wide beam. Assembly with installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
CA12957 LEDIL-CA12957 Datasheet
1Mb / 5P
~70째 wide beam. Assembly with 0.2 mm thick installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com