Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3258ITS-3.3-R-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3258ITS-3.3-R-T1
Description  300mA LDO Linear Regulator with UP Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-3.3-R-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3258ITS-3.3-R-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3258ITS-3.3-R-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
10
3258.2005.04.1.5
Functional Description
The AAT3258 is intended for LDO regulator applica-
tions where output current load requirements range
from no load to 300mA.
The advanced circuit design of the AAT3258 has
been specifically optimized for very fast start-up and
shutdown timing. This proprietary CMOS LDO has
also been tailored for superior transient response
characteristics. These traits are particularly impor-
tant for applications that require fast power supply
timing, such as GSM cellular telephone handsets.
The high-speed turn-on capability is enabled
through the implementation of a fast start control cir-
cuit, which accelerates the power-up behavior of
fundamental control and feedback circuits within the
LDO regulator.
Fast turn-off response time is achieved by an active
output pull-down circuit, which is enabled when the
LDO regulator is placed in the shutdown mode. This
active fast shutdown circuit has no adverse effect on
normal device operation.
The AAT3258 has very fast transient response char-
acteristics, which is an important feature for applica-
tions where fast line and load transient response is
required. This rapid transient response behavior is
accomplished through the implementation of an
active error amplifier feedback control. This propri-
etary circuit design is unique to this MicroPower
LDO regulator.
The LDO regulator output has been specifically opti-
mized to function with low-cost, low-ESR ceramic
capacitors; however, the design will allow for opera-
tion over a wide range of capacitor types.
A bypass pin has been provided to allow the addition
of an optional voltage reference bypass capacitor to
reduce output self noise and increase power supply
ripple rejection. Device self noise and PSRR will be
improved by the addition of a small ceramic capaci-
tor in this pin. However, increased values of C
BYPASS
may slow down the LDO regulator turn-on time.
This LDO regulator has complete short-circuit and
thermal protection.
The integral combination of
these two internal protection circuits gives the
AAT3258 a comprehensive safety system to guard
against extreme adverse operating conditions.
Device power dissipation is limited to the package
type and thermal dissipation properties. Refer to the
Thermal Considerations section of this datasheet for
details on device operation at maximum output cur-
rent loads.
Functional Block Diagram
Oscillator
Voltage
Reference
VDET
RESET
GND
Error
Amplifier
Over-Current
Protection
Over-
Temperature
Protection
Voltage
Reference
+
-
VIN
SHDN
BYP
OUT
MR
+
-
Reset Generator
and Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com