Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP15672 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP15672
Description  Wide IESNA Type lV forward-throw beam for wide area lighting like car parks.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15672 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP15672 Datasheet HTML 1Page - Ledil, Inc. FP15672 Datasheet HTML 2Page - Ledil, Inc. FP15672 Datasheet HTML 3Page - Ledil, Inc. FP15672 Datasheet HTML 4Page - Ledil, Inc. FP15672 Datasheet HTML 5Page - Ledil, Inc. FP15672 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FP15672_STRADA-2X2MXS-T4-B
STRADA-2X2MXS-T4-B
Wide IESNA Type lV forward-throw beam for
wide area lighting like car parks.
TECHNICAL SPECIFICATIONS:
Dimensions
90x90 mm
Height
14.2 mm
Fastening
screw
Colour
black
Box size
398 x 298 x 265 mm
Box weight
11.4 kg
Quantity in Box
216 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2MXS-FRAME
Holder
PA66
black
STRADA-2X2MXS-T4-B
Lens array
Silicone
clear
Last update: 24/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FP15672

ManufacturerPart #DatasheetDescription
logo
Clarke International
FP150 CLARKE-FP150 Datasheet
780Kb / 4P
FOOT PUMPS
GC0911
logo
FSP TECHNOLOGY INC.
FP1500 FSP-FP1500 Datasheet
65Kb / 1P
Boost and buck AVR for voltage stabilization
logo
Eaton All Rights Reserv...
FP1505 EATON-FP1505 Datasheet
688Kb / 4P
High frequency, high current power inductors
FP1505R1-R10-R EATON-FP1505R1-R10-R Datasheet
688Kb / 4P
High frequency, high current power inductors
FP1505R1-R12-R EATON-FP1505R1-R12-R Datasheet
688Kb / 4P
High frequency, high current power inductors
More results

Similar Description - FP15672

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16254 LEDIL-C16254 Datasheet
1Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C15917 LEDIL-C15917 Datasheet
3Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
C15960 LEDIL-C15960 Datasheet
2Mb / 6P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CA16249 LEDIL-CA16249 Datasheet
2Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
CS15750 LEDIL-CS15750 Datasheet
4Mb / 6P
Wide IESNA Type lV forward-throw beam for wide area lighting like car parks
C16248 LEDIL-C16248 Datasheet
1Mb / 4P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C15014 LEDIL-C15014 Datasheet
5Mb / 21P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS17082 LEDIL-CS17082 Datasheet
2Mb / 6P
IESNA Type V (square) beam for wide area lighting such as car parks
CS16578 LEDIL-CS16578 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS16582 LEDIL-CS16582 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com