Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DHRB34B331M2BB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DHRB34B331M2BB
Description  HIGH VOLTAGE CERAMIC CAPACITORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DHRB34B331M2BB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DHRB34B331M2BB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DHRB34B331M2BB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
2
3
CONTENTS
!Note • Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.
Recycled Paper
Recycled Paper
1
2
3
Part Numbering
2
Radial Lead Type DHR Series (DC10-15kV)
3
Specifications and Test Methods
5
Typical Characteristics Data/Packaging
7
DHR Series !Caution/Notice
8
Mold Type DHS N4700 Series (DC10-40kV)
10
Typical Characteristics Data / Specifications and Test Methods
12
Mold Type DHS Z5V Series (DC20-40kV)
13
Typical Characteristics Data
14
Specifications and Test Methods
15
DHS Series !Caution and Notice
16
ISO9000 Certifications
18
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C41E2.pdf 03.4.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com