Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL2386CSZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL2386CSZ
Description  250MHz Triple Current Feedback Amplifier with Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2386CSZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL2386CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2386CSZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EL2386
FN7155 Rev 1.00
Page 11 of 13
June 24, 2004
Power Dissipation
With the high output drive capability of the EL2386, it is
possible to exceed the 150°C Absolute Maximum junction
temperature under certain very high load current conditions.
Generally speaking, when RL falls below about 25, it is
important to calculate the maximum junction temperature
(TJMAX) for the application to determine if power-supply
voltages, load conditions, or package type need to be modified
for the EL2386 to remain in the safe operating area.
These parameters are calculated as follows:
where:
TMAX = Maximum ambient temperature
JA = Thermal resistance of the package
n = Number of amplifiers in the package
PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated as follows:
where:
VS = Supply voltage
ISMAX = Maximum supply current of 1 amplifier
VOUTMAX = Max. output voltage of the application
RL = Load resistance
FIGURE 2.
TJMAX
TMAX JA*n*PDMAX

+
=
PDMAX
2VS *ISMAX
 +
=
VS
-VOUTMAX
*VOUTMAX RL




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com