Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL5250 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL5250
Description  200MHz Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5250 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL5250 Datasheet HTML 7Page - Renesas Technology Corp EL5250 Datasheet HTML 8Page - Renesas Technology Corp EL5250 Datasheet HTML 9Page - Renesas Technology Corp EL5250 Datasheet HTML 10Page - Renesas Technology Corp EL5250 Datasheet HTML 11Page - Renesas Technology Corp EL5250 Datasheet HTML 12Page - Renesas Technology Corp EL5250 Datasheet HTML 13Page - Renesas Technology Corp EL5250 Datasheet HTML 14Page - Renesas Technology Corp EL5250 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
EL5150, EL5151, EL5250, EL5251, EL5451
FN7384 Rev 7.00
Page 11 of 18
January 16, 2008
Product Description
The EL5150, EL5151, EL5250, EL5251 and EL5451 are
wide bandwidth, low power, low offset voltage feedback
operational amplifiers capable of operating from a single or
dual power supplies. This family of operational amplifiers are
internally compensated for closed loop gain of +1 or greater.
Connected in voltage follower mode, driving a 500
 load
members of this amplifier family demonstrate a -3dB
bandwidth of about 200MHz. With the loading set to
accommodate typical video application, 150
 load and gain
set to +2, bandwidth reduces to about 40MHz with a 67V/µs
slew rate. Power down pins on the EL5151 and EL5251
reduce the already low power demands of this amplifier
family to 12µA typical while the amplifier is disabled.
Input, Output and Supply Voltage Range
The EL5150 and family members have been designed to
operate with supply voltage ranging from 5V to 12V. Supply
voltages range from ±2.5V to ±5V for split supply operation.
And of course split supply operation can easily be achieved
using single supplies with by splitting off half of the single
supply with a simple voltage divider as illustrated in the
application circuit section.
Input Common Mode Range
These amplifiers have an input common mode voltage
ranging from 3.5V above the negative supply (VS- pin) to
3.5V below the positive supply (VS+ pin). If the input signal is
driven beyond this range the output signal will exhibit
distortion.
Maximum Output Swing & Load Resistance
The outputs of the EL5150 and family members exhibit
maximum output swing ranges from -4V to 4V for VS = ±5V
with a load resistance of 500
. Naturally, as the load
resistance becomes lower, the output swing lowers
accordingly; for instance, if the load resistor is 150
, the
output swing ranges from -3.5V to 3.5V. This response is a
simple application of Ohms law indicating a lower value
resistance results in greater current demands of the
amplifier. Additionally, the load resistance affects the
frequency response of this family as well as all operational
amplifiers; as clearly indicated by the Gain vs Frequency For
Various RL curves clearly indicate. In the case of the
frequency response reduced bandwidth with decreasing
load resistance is a function of load resistance in conjunction
with the output zero response of the amplifier.
Choosing A Feedback Resistor
A feedback resistor is required to achieve unity gain; simply
short the output pin to the inverting input pin. Gains greater
than +1 require a feedback and gain resistor to set the
desired gain. This gets interesting because the feedback
resistor forms a pole with the parasitic capacitance at the
inverting input; as the feedback resistance increases the
position of the pole shifts in the frequency domain, the
amplifier's phase margin is reduced and the amplifier
becomes less stable. Peaking in the frequency domain and
ringing in the time domain are symptomatic of this shift in
pole location. So we want to keep the feedback resistor as
small as possible. You may want to use a large feedback
resistor for some reason; in this case to compensate the shift
of the pole and maintain stability a small capacitor in the few
Pico farad range in parallel with the feedback resistor is
recommended.
For the gains greater than unity it has been determined a
feedback resistance ranging from 500
 to 750 provides
optimal response.
FIGURE 39. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 40. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.136W
909mW
870mW
435mW
0
150
50
1.4
1.2
0.4
0
AMBIENT TEMPERATURE (°C)
0.2
125
25
0.8
100
75 85
1.0
0.6
JA = 88°C/W
SO14
JA = 230°C/W
SOT23-5/6
JA = 110°C/W
SO8
JA = 115°C/W
MSOP8/10
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
150
50
1
0.9
0.2
0
AMBIENT TEMPERATURE (°C)
0.1
125
25
0.5
100
75 85
0.7
0.3
0.8
0.4
0.6
833mW
625mW
486mW
391mW
JA = 265°C/W
SOT23-5/6
JA = 206°C/W
MSOP8/10
JA = 120°C/W
SO14
JA = 160°C/W
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com