Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL91133 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL91133
Description  High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91133 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL91133 Datasheet HTML 1Page - Renesas Technology Corp ISL91133 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN8680 Rev 0.00
Page 1 of 2
September 5, 2014
FN8680
Rev 0.00
September 5, 2014
ISL91133
High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
DATA SHORT
To request the full datasheet, please visit www.intersil.com/products/isl91133
The ISL91133 is an integrated boost switching regulator for
battery powered applications. The device provides a power
supply solution for products using a one cell Li-ion or Li-
polymer battery.
The device is capable of delivering up to 2.3A output current
from VIN = 2.5V and VOUT = 3.3V. The no load quiescent
current is only 108μA in Boost Mode and 45μA in Forced
Bypass Mode, which significantly reduces the standby
consumption.
The ISL91133 offers a Bypass Mode operation where the
output is directly connected to the input through a 38mΩ
MOSFET to allow a significantly lower dropout voltage. The
Bypass Mode can be entered by an external command, or by
auto bypass. The Forced Bypass Mode allows the output
voltage to operate close to the input voltage and improves the
efficiency under these conditions.
The ISL91133 is designed to support 6 fixed output voltages
ranging from 3.15V to 5V. A voltage select pin is available for
each output variant to scale up the output voltage by a small
offset to compensate the load transient droop.
The ISL91133 requires only an inductor and a few external
components to operate. The 2.5MHz switching frequency
further reduces the size of external components.
The ISL91133 is available in a 16 bump, 0.4mm pitch,
1.78mmx1.78mm WLCSP.
Features
• Input voltage range: 2.35V to 5.4V
• Output current: up to 2.3A (VIN = 2.5V, VOUT = 3.3V)
• Burst current up to 2.5A (VIN = 2.5V, VOUT = 3.3V, tON <
600µs, T = 4.6ms)
• High efficiency: up to 96%
• 108µA quiescent current minimizes standby consumption in
Boost Mode, 45µA in Forced Bypass Mode
• 2.5MHz switching frequency minimizes external component
size
• Forced Bypass or Auto Bypass Modes with a 38mΩ switch
• PFM mode at light load currents
• Fully protected for overcurrent, over-temperature and
undervoltage
• Load disconnect when disabled
• Small 1.78mmx1.78mm WLCSP
Applications
• Smartphones and tablet PCs
• Wireless communication devices
• 2G/3G/4G RF power amplifiers
•USB OTG power source
Related Literature
• AN1958 “ISL91133 Evaluation Board User Guide”
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY vs LOAD CURRENT, VOUT = 3.3V
VIN =
2.35V TO 5.4V
VOUT = 3.3V TO VIN
UP TO 2.3A
ISL91133IIMZ
VIN
EN
LX
VOUT
C2
2x22µF
GND
PGND
C1
22µF
PG
RESET
R1
BYPS
AUTO BYPASS
FORCED BYPASS
L1
0.47µH
VSEL
VOUT HI
VOUT LO
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
0.001
0.01
0.1
1
IOUT (A)
2.5VIN
2.7VIN
3VIN
4VIN


Similar Part No. - ISL91133

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
More results

Similar Description - ISL91133

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
logo
Intersil Corporation
ISL91106 INTERSIL-ISL91106 Datasheet
125Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
November 20, 2015
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
logo
Renesas Technology Corp
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com