Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635AIRZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL97635AIRZ
Description  SMBus 6-Channel LED Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635AIRZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL97635AIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 22Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 23Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 24Page - Renesas Technology Corp ISL97635AIRZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ISL97635A
FN6564 Rev.3.00
Page 21 of 29
Sep 26, 2017
• When SMBus mode with DPST is selected, register 0x00
reflects the last value written to it from SMBus.
• When a write to register 0x01 (Device Control Register) causes
the backlight controller to transition to an SMBus mode, the
brightness of the BL does not change. On the other hand, when
a write to register 0x01causes the backlight controller to
transition to a non-SMBus mode, the brightness of the BL
changes as appropriate for the new mode.
• The default value for register 0x01 is 0x00.
Fault/Status Register (0x02)
This register has six status bits that allow monitoring of the
backlight controller’s operating state. Bit 0 is a logical “OR” of all
fault codes to simplify error detection. Not all of the bits in this
register are fault related (Bit 3 is a simple BL status indicator). The
remaining bits are reserved and return a “0” when read and ignore
the bit value when written. All of the bits in this register are
read only, with the exception of Bit 0, which can be cleared by
writing to it.
• A Read Byte cycle to register 0x02 indicates the current BL
on/off status in BL_STAT (1 if the BL is on, 0 if the BL is off).
• A Read Byte cycles to register 0x2 also returns FAULT as the
logical OR of THRM_SHDN, OV_CURR, 2_CH_SD, and 1_CH_SD
should these events occur.
• 1_CH_SD returns a 1 if one or more channels have faulted out.
• 2_CH_SD returns a 1 if two or more channels have faulted out.
• A fault will not be reported in the event the BL is commanded
on and immediately off by the system.
• When FAULT is set to 1, it will remain at 1 even if the signal
which sets it goes away. FAULT will be cleared when the
BL_CTL bit of the Device Control Register is toggled or when
written low. At that time, if the fault condition is still present or
reoccurs, FAULT will be set to 1 again. BL_STAT will not cause
FAULT to be set
.
• The controller will not indicate a fault if the VBL+ goes away,
whether or not the LEDs were on at the time of the power loss.
This can occur if there is some hang condition that causes the
user to force the system off by holding the power button down
for 4s.
Default value for register 0x02 is 0x00.
REGISTER 0x02
FAULT/STATUS REGISTER
RESERVED
RESERVED
2_CH_SD
1_CH_SD
BL_STAT
OV_CURR
THRM_SHDN
FAULT
Bit 7 (R)
Bit 6 (R)
Bit 5 (R)
Bit 4 (R)
Bit 3 (R)
Bit 2 (R)
Bit 1 (R)
Bit 0 (R)
BIT
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
Bit 5
2_CH_SD
= Two LED output channels are shutdown (1 = shutdown, 0 = OK)
Bit 4
1_CH_SD
= One LED output channel is shutdown (1 = shutdown, 0 = OK)
Bit 3
BL_STAT
= BL Status (1 = BL On, 0 = BL Off)
Bit 2
OV_CURR
= Input Overcurrent (1 = Overcurrent condition, 0 = Current OK)
Bit 1
THRM_SHDN
= Thermal Shutdown (1 = Thermal Fault, 0 = Thermal OK)
Bit 0
FAULT
= Fault occurred (Logic “OR” of all of the fault conditions)
FIGURE 26. DESCRIPTIONS OF FAULT/STATUS REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com