Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97650 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL97650
Description  4-Channel Integrated LCD Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97650 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL97650 Datasheet HTML 1Page - Renesas Technology Corp ISL97650 Datasheet HTML 2Page - Renesas Technology Corp ISL97650 Datasheet HTML 3Page - Renesas Technology Corp ISL97650 Datasheet HTML 4Page - Renesas Technology Corp ISL97650 Datasheet HTML 5Page - Renesas Technology Corp ISL97650 Datasheet HTML 6Page - Renesas Technology Corp ISL97650 Datasheet HTML 7Page - Renesas Technology Corp ISL97650 Datasheet HTML 8Page - Renesas Technology Corp ISL97650 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL97650
FN9198 Rev.4.00
Page 2 of 20
April 17, 2009
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Maximum Pin Voltages, all pins except below . . . . . . . . . . . . . . 6.5V
LX1, LX2, VSUP, NOUT, DELB, C2- . . . . . . . . . . . . . . . . . . . .24V
C1- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V
VIN1, VINL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
DRN, COM, POUT, C1+, C2+ . . . . . . . . . . . . . . . . . . . . . . . . .36V
CB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21V
Recommended Operating Conditions
Input Voltage Range, VIN 4V to 14V
Boost Output Voltage Range, AVDD +20V
VON Output Range, VON +15V to +32V
VOFF Output Range, VOFF -15V to -5V
Logic Output Voltage Range, VLOGIC+1.5V to +3.3V
Input Capacitance, CIN2x10µF
Boost Inductor, L1 3.3µH-10µH
Output Capacitance, COUT2x22µF
Buck Inductor, L23.3µH to10µH
Operating Ambient Temperature Range -40°C to +105°C
Operating Junction Temperature -40°C to +125°C
Thermal Resistance
JA(°C/W) JC (°C/W)
6x6 QFN Package (Notes 1, 2) . . . . . .
30
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Power Dissipation
TA 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.3W
TA = +70°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.8W
TA = +85°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.3W
TA = +100°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.8W
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN = 12V, VBOOST = VSUP = 15V, VON = 25V, VOFF = -8V, over-temperature from -40°C to +105°C, unless
otherwise stated. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY PINS
VIN
Supply Voltage (VIN1)
4
12
14
V
VINL
Logic Supply Voltage
4
12
14
V
VSUP
Charge Pumps and VON Slice Positive
Supply
420
V
IVIN
Quiescent Current into VIN
Enabled, No switching
3
5
mA
Disabled
25
50
µA
IINL
Logic Supply Current
Enabled, No switching
0.25
2
mA
Disabled
1
25
µA
ISUP
VSUP Supply Current
Enabled, No Switching and VPout = VSUP
1mA
Disabled
1
10
µA
VLOR
Undervoltage Lockout Threshold
VDC rising
3.85
4
V
VLOF
Undervoltage Lockout Threshold
VDC falling
3.3
3.45
V
VREF
Reference Voltage
TA = +25°C
1.18
1.205
1.225
V
1.177
1.205
1.228
V
FOSC
Oscillator Frequency
1020
1200
1380
kHz
AVDD BOOST
DMIN
Minimum Duty Cycle
20
25
%
DMAX
Maximum Duty Cycle
84
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com