Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL5624AIREZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5624AIREZ
Description  6-Channel Buffer with High Power VCOM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5624AIREZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5624AIREZ Datasheet HTML 1Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 2Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 3Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 4Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 5Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 6Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 7Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 8Page - Renesas Technology Corp EL5624AIREZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EL5624A
FN7506 Rev 0.00
Page 2 of 9
February 14, 2005
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V, VS+ +0.5V
Maximum Continuous Output Current (Buffer) . . . . . . . . . . . . 30mA
Maximum Continuous Output Current (VCOM) . . . . . . . . . . . . 60mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +15V, VS- = 0, RL = 10k, CL = 10pF to 0V, Gain of VCOM = 1, RLVCM = 1k and TA = 25°C,
unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOS
Input Offset Voltage
VCM = 0V
2
14
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/
C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
1V
VOUT 14V
0.992
1.008
V/V
INPUT CHARACTERISTICS (VCOM AMPLIFIER)
VOS
Input Offset Voltage
VCM = 7.5V
1
15
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/
C
IB
Input Bias Current
VCM = 7.5V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
VREG
Load Regulation
VCOM = 1.5V, -60mA < IL < 60mA
-20
+20
mV
AVOL
Open Loop Gain
RL = 1k
55
75
dB
CMRR
Common Rejection Ratio
45
70
dB
OUTPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOL
Output Swing Low
IL = 7.5mA
50
150
mV
VOH
Output Swing High
IL = 7.5mA
14.85
14.95
V
ISC
Short Circuit Current
RL = 10
±200
±250
mA
OUTPUT CHARACTERISTICS (VCOM AMPLIFIER)
VOL
Output Swing Low
IL = -7.5mA
50
150
mV
VOH
Output Swing High
IL = +7.5mA
14.85
14.95
V
ISC
Short Circuit Current
RL = 10
±220
±260
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
Reference buffer VS from 4.5V to 15.5V
55
80
dB
VCOM buffer, VS from 4.5V to 15.5V
55
80
dB
IS
Total Supply Current
No load
8.5
10
mA
DYNAMIC PERFORMANCE (BUFFER AMPLIFIERS)
SR
Slew Rate (Note 2)
-4V
VOUT 4V, 20% to 80%
50
70
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
250
ns
BW
-3dB Bandwidth
RL = 10k, CL = 10pF
12
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com