Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL8171FSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL8171FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8171FSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL8171FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8171FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN6293 Rev 6.00
Page 1 of 14
October 9, 2015
FN6293
Rev 6.00
October 9, 2015
EL8171, EL8172
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
DATASHEET
The EL8171 and EL8172 are micropower instrumentation
amplifiers optimized for single supply operation over the
+2.4V to +5.5V range. Inputs and outputs can operate
rail-to-rail. As with all instrumentation amplifiers, a pair of
inputs provide very high common-mode rejection and are
completely independent from a pair of feedback terminals.
The feedback terminals allow zero input to be translated to
any output offset, including ground. A feedback divider
controls the overall gain of the amplifier.
The EL8172 is compensated for a gain of 100 or more, and
the EL8171 is compensated for a gain of 10 or more. The
EL8171 and EL8172 have PMOS input devices that provide
sub-nA input bias currents.
The amplifiers can be operated from one lithium cell or two
Ni-Cd batteries. The EL8171 and EL8172 input range goes
from below ground to slightly above positive rail. The output
stage swings completely to ground (ground sensing) or
positive supply - no pull-up or pull-down resistors are
needed.
Pinout
EL8171, EL8172
(8 LD SOIC)
TOP VIEW
Features
• 95µA maximum supply current
• Maximum input offset voltage
- 300µV (EL8172)
- 1500µV (EL8171)
• 50pA maximum input bias current
• 450kHz -3dB bandwidth (G = 10)
• 170kHz -3dB bandwidth (G = 100)
• Single supply operation
- Input voltage range is rail-to-rail
- Output swings rail-to-rail
- Ground sensing
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• Strain gauges
• Current monitors
• Thermocouple amplifiers
1
2
3
4
8
7
6
5
+
-
+
-
DNC
IN-
IN+
V-
FB+
V+
FB-
VOUT
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
EL8171FSZ*(No
longer available,
recommended
replacement:
EL8170FSZ-T7)
8171FSZ
8 Ld SOIC
MDP0027
EL8172FSZ*
8172FSZ
8 Ld SOIC
MDP0027
*Add “-T7” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - EL8171FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8171FSZ INTERSIL-EL8171FSZ Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
EL8171FSZ INTERSIL-EL8171FSZ Datasheet
631Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
July 27, 2009
More results

Similar Description - EL8171FSZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_06 Datasheet
828Kb / 11P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
March 9, 2006
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
July 27, 2009
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com