Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL8178 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL8178
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL8178 Datasheet HTML 5Page - Renesas Technology Corp EL8178 Datasheet HTML 6Page - Renesas Technology Corp EL8178 Datasheet HTML 7Page - Renesas Technology Corp EL8178 Datasheet HTML 8Page - Renesas Technology Corp EL8178 Datasheet HTML 9Page - Renesas Technology Corp EL8178 Datasheet HTML 10Page - Renesas Technology Corp EL8178 Datasheet HTML 11Page - Renesas Technology Corp EL8178 Datasheet HTML 12Page - Renesas Technology Corp EL8178 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 11 of 13
May 14, 2008
Proper Layout Maximizes Precision
To achieve the optimum levels of high input impedance
(i.e., low input currents) and low offset voltage, care should be
taken in the circuit board layout. The PC board surface must
remain clean and free of moisture to avoid leakage currents
between adjacent traces. Surface coating of the circuit board
will reduce surface moisture and provide a humidity barrier,
reducing parasitic resistance on the board. When input
leakage current is a paramount concern, the use of guard rings
around the amplifier inputs will further reduce leakage currents.
Figure 28 shows a guard ring example for a unity gain amplifier
that uses the low impedance amplifier output at the same
voltage as the high impedance input to eliminate surface
leakage. The guard ring does not need to be a specific width,
but it should form a continuous loop around both inputs. For
further reduction of leakage currents, mount components to the
PC board using Teflon standoffs..
Typical Applications
A general-purpose combination pH probe has extremely high
output impedance typically in the range of 10G
 to 12G. Low
loss and expensive Teflon cables are often used to connect the
pH probe to the meter electronics. Figure 29 details a low-cost
alternative solution using the EL8178 and a low-cost coax
cable. The EL8178 PMOS high impedance input senses the
pH probe output signal and buffers it to drive the coax cable. Its
rail-to-rail input nature also eliminates the need for a bias
resistor network required by other amplifiers in the same
application.
Thermocouples are the most popular temperature sensing
devices because of their low cost, interchangeability, and
ability to measure a wide range of temperatures. In Figure 30,
the EL8178 converts the differential thermocouple voltage into
single-ended signal with 10x gain. The EL8178's rail-to-rail
input characteristic allows the thermocouple to be biased at
ground and permits the op amp to operate from a single 5V
supply.
IN
V+
FIGURE 28. GUARD RING EXAMPLE FOR UNITY GAIN
AMPLIFIER
HIGH IMPEDANCE INPUT
-
+
3V
+
V+
V-
EL8178
COAX
GENERAL
PURPOSE
COMBINATION
pH PROBE
FIGURE 29. pH PROBE AMPLIFIER
-
+
5V
+
V+
V-
EL8178
K TYPE
THERMOCOUPLE
10k
R3
10k
R2
R4
100k
R1
100k
410
V/°C
FIGURE 30. THERMOCOUPLE AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com