Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-C0675WPRB Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-C0675WPRB
Description  SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0675WPRB Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-C0675WPRB Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0675WPRB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3/14
Part No. : LTPL-C0675WPRB
BNS-OD-FC002/A4
SMD LED
LTPL-C0675WPRB
3.2 Suggest IR Reflow Condition For Pb Free Process:
Profile Feature
Lead Free Assembly
Average Ramp-Up Rate (TSmax to TP)
3°C / second max
Preheat Temperature Min (TSmin)
150°C
Preheat Temperature Max (TSmax)
200°C
Preheat Time (tSmin to tSmax)
60 – 120 seconds
Time Maintained Above Temperature (TL)
217°C
Time Maintained Above Time (tL)
60 – 150 seconds
Peak / Classification Temperature (TP)
260°C
Time Within 5°C of Actual Peak Temperature (t P)
5 seconds
Ramp – Down Rate
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Notes:
1.
All temperatures refer to topside of the package, measured on the package body surface.
2.
The soldering condition referring to J-STD-020D.
3.
The soldering profile could be further referred to different soldering grease material characteristic. The grease
vendor will provide this information.
4.
A rapid-rate process is not recommended for the LEDs cooling down from the peak temperature.
5.
Although the recommended reflow conditions are specified above, the reflow or hand soldering condition at the
lowest possible temperature is desirable for the LEDs.
6.
LiteOn cannot make a guarantee on the LEDs which have been already assembled using the dip soldering method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com