Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F15560 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # F15560
Description  ~35째 wide beam. Compatible with LEDiL HEKLA.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15560 Datasheet(HTML) 3 Page - Ledil, Inc.

  F15560 Datasheet HTML 1Page - Ledil, Inc. F15560 Datasheet HTML 2Page - Ledil, Inc. F15560 Datasheet HTML 3Page - Ledil, Inc. F15560 Datasheet HTML 4Page - Ledil, Inc. F15560 Datasheet HTML 5Page - Ledil, Inc. F15560 Datasheet HTML 6Page - Ledil, Inc. F15560 Datasheet HTML 7Page - Ledil, Inc. F15560 Datasheet HTML 8Page - Ledil, Inc. F15560 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRODUCT
DATASHEET
F15560_MIRELLA-G2-W
PHOTOMETRIC DATA (MEASURED):
LED
VERO10
FWHM
38.0°
Efficiency
91 %
Peak intensity
1.600 cd/lm
Required components:
F15616_HEKLA-SOCKET-F
LED
Vesta TW 9mm (12W)
FWHM
34.0°
Efficiency
88 %
Peak intensity
1.700 cd/lm
Required components:
C16142_HEKLA-SOCKET-K
Bender Wirth: 490 Typ L8
LED
CLC020 Series (Dim-To-Warm)
FWHM
36.0°
Efficiency
85 %
Peak intensity
1.600 cd/lm
Required components:
C16142_HEKLA-SOCKET-K
LED
CLU LES 4.2mm (HI-Ver.3)
FWHM
24.0°
Efficiency
89 %
Peak intensity
2.100 cd/lm
Required components:
F15255_HEKLA-SOCKET-C
Last update: 25/05/2018
Subject to change without prior notice
3/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com