Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS6R06VE3_B2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS6R06VE3_B2
Description  IGBT-Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS6R06VE3_B2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS6R06VE3_B2 Datasheet HTML 1Page - Infineon Technologies AG FS6R06VE3_B2 Datasheet HTML 2Page - Infineon Technologies AG FS6R06VE3_B2 Datasheet HTML 3Page - Infineon Technologies AG FS6R06VE3_B2 Datasheet HTML 4Page - Infineon Technologies AG FS6R06VE3_B2 Datasheet HTML 5Page - Infineon Technologies AG FS6R06VE3_B2 Datasheet HTML 6Page - Infineon Technologies AG FS6R06VE3_B2 Datasheet HTML 7Page - Infineon Technologies AG FS6R06VE3_B2 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TechnischeInformation/TechnicalInformation
FS6R06VE3_B2
IGBT-Module
IGBT-modules
preparedby:DPK
approvedby:RK
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
Diode,Wechselrichter/Diode,Inverter
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

600
 V
Dauergleichstrom
ContinuousDCforwardcurrent

IF

6
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

12
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
VR = 0 V, tP = 10 ms, Tvj = 150°C
I²t

6,50
5,50
 A²s
A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 6 A, VGE = 0 V
IF = 6 A, VGE = 0 V
IF = 6 A, VGE = 0 V
VF
1,60
1,55
1,50
2,05
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 6 A, - diF/dt = 800 A/µs (Tvj=150°C)
VR = 300 V
VGE = -15 V
IRM

10,5
11,5
12,0

A
A
A
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Sperrverzögerungsladung
Recoveredcharge
IF = 6 A, - diF/dt = 800 A/µs (Tvj=150°C)
VR = 300 V
VGE = -15 V
Qr

0,35
0,60
0,70

µC
µC
µC
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 6 A, - diF/dt = 800 A/µs (Tvj=150°C)
VR = 300 V
VGE = -15 V
Erec

0,065
0,12
0,16

mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proDiode/perdiode
RthJC

4,50
5,00
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proDiode/perdiode
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

2,10
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

150
°C
NTC-Widerstand/NTC-Thermistor
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Nennwiderstand
Ratedresistance
TC = 25°C
R25

5,00

k
Ω
AbweichungvonR100
DeviationofR100
TC = 100°C, R100 = 493
Ω
∆R/R
-5

5
%
Verlustleistung
Powerdissipation
TC = 25°C
P25


20,0
mW
B-Wert
B-value
R2 = R25 exp [B25/50(1/T2 - 1/(298,15 K))]
B25/50

3375

K
B-Wert
B-value
R2 = R25 exp [B25/80(1/T2 - 1/(298,15 K))]
B25/80

t.b.d.

K
B-Wert
B-value
R2 = R25 exp [B25/100(1/T2 - 1/(298,15 K))]
B25/100

t.b.d.

K
AngabengemäßgültigerApplicationNote.
Specificationaccordingtothevalidapplicationnote.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com