Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7126CPL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7126CPL
Description  3 1/2 Digit, Low Power, Single Chip A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7126CPL Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7126CPL Datasheet HTML 1Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 2Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 3Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 4Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 5Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 6Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 7Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 8Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ICL7216
FN3084 Rev.5.00
Page 3 of 15
Oct 25, 2004
Typical Application Schematics
FIGURE 1. ICL7126 TEST CIRCUIT AND TYPICAL APPLICATION WITH LCD DISPLAY COMPONENTS SELECTED
FOR 200mV FULL SCALE
FIGURE 2. ICL7126 CLOCK FREQUENCY 16kHz, 1 READING/S
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
ICL7126
240k
10k
50pF
0.1
F
1M
C1 = 0.1F
C2 = 0.22F
C3 = 0.047F
C4 = 50pF
C5 = 0.01F
R1 = 240k
R2 = 180k
R3 = 180k
R4 = 10k
R5 = 1M
9V
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
9V
ICL7126
240k
10k
50pF
0.1
F
1M
SET REF = 100.0mV
C1 = 0.1F
C2 = 0.33F
C3 = 0.5F
C4 = 50pF
C5 = 0.01F
R1 = 240k
R2 = 180k
R3 = 180k
R4 = 10k
R5 = 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com