Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMS-30PC-2-AS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DMS-30PC-2-AS
Description  3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-30PC-2-AS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DMS-30PC-2-AS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-30PC-2-AS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-30PC-2-AS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-30PC-2-AS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-30PC-2-AS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-30PC-2-AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
Data sheet fax back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
®®
ISO 9001
ISO 9001
REGISTERED
DMS-30PC
3 ½
DIGIT ,
LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES: 2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
LEAD DIMENSIONS: 0.025 (0.635) x 0.025 (0.635) NOMINAL
RECOMMENDED PC BOARD FINISHED HOLE DIAMETER:
0.042 ±0.003 (1.067 ±0.076)
Mechanical Specifications
DS-0258D
1/98
BEZEL INSTALLATION
PANEL
BEZEL
RETAINING CLIP INSTALLATION
PANEL
#2-56 INSERT
0.156 (3.96) DEEP
FRONT VIEW
1.270
(32.26)
0.187
(4.75)
OPTIONAL BEZEL (DMS-BZL1 and DMS-BZL2)
2.35 (59.69)
2.118 (53.80)
0.093 (2.362) DIAMETER (4 REQUIRED)
ONLY WHEN USING OPTIONAL BEZEL ASSEMBLY
RECOMMENDED DRILL AND PANEL CUTOUT DIMENSIONS
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
1.07
(27.18)
0.878
(22.30)
0.096
(2.44)
0.116
(2.95)
2.55 (64.77)
PANEL CUTOUT
PI N # 1
I D E N TI FI E R
FR O N T V I E W
+ 5 V SU PPL Y
D I SPL AY T EST
5 V RE T U RN
DP 3
DP 2
DP 1
1
2
3
4
5
6
12
11
10
9
8
7
(– ) I N P U T L O
(+ ) I N P U T H I
AN AL O G C O M M O N
+ 1 . 2 3 V RE F E RE NCE O U T
RE F E RE NCE O U T
RE F E RE NCE I N
DP 1
DP 2
DP 3
2. 17
( 55. 1)
2. 09
( 53. 1)
1. 80
( 45. 7)
0. 25 ( 6 . 4 ) T Y P .
0. 15
(3 . 7 )
TY P .
0. 040
( 1 . 02)
0. 040
( 1 . 02)
0. 10
(2 . 5 )
TY P .
0. 50
( 12. 7)
0. 17
(4 . 3 )
TY P .
0. 92
( 23. 4)
0. 84
( 21. 3)
0. 560
( 14. 22)
0. 040
( 1 . 02)
0. 250
( 6 . 35)
0. 260
( 6 . 60)
PI N 1
CAL I BRAT I O N P O T E NT I O M E T E R HO L E L O CAT I O N
0. 125 ( 3 . 1 75) D I A M E T E R
( U SE O N L Y W H EN PC BO AR D M O U N T I N G )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com