Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMS-30PC-3-AS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DMS-30PC-3-AS
Description  3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-30PC-3-AS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DMS-30PC-3-AS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-30PC-3-AS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-30PC-3-AS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-30PC-3-AS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-30PC-3-AS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-30PC-3-AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V using the single-ended input circuit,
unless otherwise noted.
DMS-30PC
3 ½
DIGIT ,
LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
DMS-30PC - 1 - R S
LED Color:
AS = Standard Amber
BS = Standard Blue
GS = Standard Green
OS = Standard Orange
QS = Standard Aqua
RS = Standard Red
YS = Standard Yellow
RH = High-Intensity Red
GL = Low-Power Green
OL = Low-Power Orange
RL = Low-Power Red
Technical Notes
1. +1.23V REFERENCE OUTPUT (Pin 9): This pin is the output of the
meter’s precision +1.23V internal reference, and it is referenced to
ANALOG COMMON (pin 10) which sits at a potential of approxi-
mately +2V. This output should be buffered if used to drive external
loads since sourcing more than 15µA from pin 9 can affect both the
initial accuracy and temperature drift of the meter.
2. ANALOG COMMON (Pin 10): This pin is connected to an internal,
low-noise, "relative" ground. It is used in certain differential and
"floating" measurements as described in the Applications section of
this data sheet and Ap Note 3 of the DATEL Panel Meter Catalog.
Pin 10 should not be connected to pin 3 (5V RETURN) or to your
system’s analog ground.
3. REFERENCE OUTPUT (Pin 8) and INPUT (Pin 7): Pin 8 is a
precision reference actively trimmed at the factory. In normal
operation, pin 8 must be tied to pin 7 to achieve all listed accuracy
and drift specifications.
Accessories:
DMS-30-CP
Panel cutout punch
DMS-BZL1
DMS-30 bezel assembly
DMS-BZL2
DMS-30 bezel assembly with sealing gasket
RN-DMS
Gain/offset potentiometer kit for DMS-EB,
DMS-EB-AC/DC and DMS-EB-DC/DC
Add-On Application Boards:
DMS-EB
Multi-purpose (gain/offset, 4-20mA, etc.)
DMS-EB-HTB
High-accuracy temperature probe sensing for
±200mV models
DMS-EB-DC/DC
Provides isolated +5V power
DMS-EB-TCJ
J-type thermocouple inputs for ±2V models
DMS-EB-TCK
K-type thermocouple inputs for ±2V models
DMS-EB-RMS
For true rms measurements of ac voltages
DMS-EB-AC/DC
For ac line-powered applications
DMS-EB-LP
For 4-to-20mA loop-powered applications
Input Range:
0 = ±200mV
1 = ±2V
2 = ±20V
3 = ±200V Available on the
following models only:
-GS (Standard Green)
-RS (Standard Red)
-RL (Low-Power Red)
Ordering Information
Œ Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11)
with (–) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage protected
(see Figure 1). Voltages applied to pin 12 should not exceed the supply voltage.
 See Technical Notes.
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-30PC-0
--
±200
--
mV
DMS-30PC-1
--
±2
--
Volts
DMS-30PC-2
--
±20
--
Volts
DMS-30PC-3
--
±200
--
Volts
Input Impedance:
DMS-30PC-0, -1
100
1000
--
M
Ω
DMS-30PC-2, -3
0.8
1
--
M
Ω
Overvoltage Protection Œ
--
--
±250
Volts
Common Mode Voltage Range
--
--
±2
Volts
CMRR (dc to 60Hz)
--
86
--
dB
Control Inputs 
Decimal Point Placement (Pins 4-6)
Tie to pin 3 to activate
Display Test (Pin 2)
Tie to +5V to activate all segments
Performance
Sampling Rate
2.5 samples per second
Accuracy (3 minute warm-up):
DMS-30PC-0 (VIN = +0.19V)
--
±1
±2
Counts
DMS-30PC-1 (VIN = +1.9V)
--
±1
±2
Counts
DMS-30PC-2 (VIN = +19V)
--
±2
±3
Counts
DMS-30PC-3 (VIN = +190V)
--
±2
±3
Counts
Zero Reading (VIN = 0 Volts)
"– 001"
"000"
"001"
Temperature Drift (0 to +60°C)
--
±0.15
±0.3
Cnts/°C
+1.23V Reference Output (Pin 9) 
+1.20
+1.23
+1.25
Volts
Power Supply Requirements
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
Standard Models:
Blue display
--
+400
+550
mA
All others
--
+150
+225
mA
Low-Power Models:
Red display
--
+12
+17
mA
Green or orange display
--
+60
+100
mA
Display
Display Type and Size
3½ Digit LED, 0.56"/14.2mm high
Polarity Indication
Autopolarity ("–" for negative VIN)
Overrange Indication
"–1_ _ _ " for negative VIN
"1_ _ _ " for positive VIN
Physical/Environmental
Operating Temperature:
Blue display models
0
--
+50
°C
All other models
0
--
+60
°C
Storage Temperature
–40
--
+75
°C
Humidity (Non-condensing)
0
--
95
%
Case Material
Polycarbonate
Weight
0.75 ounces (21 grams)
A panel-mount retaining clip is supplied with each model.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com