Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7136CPL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICL7136CPL
Description  31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7136CPL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICL7136CPL Datasheet HTML 3Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 4Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 5Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 6Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 7Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 8Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 9Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 10Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ICL7136
FN3086 Rev 6.00
Page 7 of 15
July 21, 2005
are connected to the external pins. The converter then
integrates the differential voltage between IN HI and IN LO
for a fixed time. This differential voltage can be within a wide
common mode range: up to 1V from either supply. If, on the
other hand, the input signal has no return with respect to the
converter power supply, IN LO can be tied to analog
COMMON to establish the correct common mode voltage. At
the end of this phase, the polarity of the integrated signal is
determined.
De-Integrate Phase
The final phase is de-integrate, or reference integrate. Input
low is internally connected to analog COMMON and input
high is connected across the previously charged reference
capacitor. Circuitry within the chip ensures that the capacitor
will be connected with the correct polarity to cause the
integrator output to return to zero. The time required for the
output to return to zero is proportional to the input signal.
Specifically the digital reading displayed is:
.
Zero Integrator Phase
The final phase is zero integrator. First, input low is shorted to
analog COMMON. Second, the reference capacitor is charged
to the reference voltage. Finally, a feedback loop is closed
around the system to IN HI to cause the integrator output to
return to zero. Under normal conditions, this phase lasts for
between 11 to 140 clock pulses, but after a “heavy” overrange
conversion, it is extended to 740 clock pulses.
Differential Input
The input can accept differential voltages anywhere within the
common mode range of the input amplifier, or specifically from
0.5V below the positive supply to 1V above the negative supply.
In this range, the system has a CMRR of 86dB typical.
However, care must be exercised to assure the integrator
output does not saturate. A worst case condition would be a
large positive common mode voltage with a near full scale
negative differential input voltage. The negative input signal
drives the integrator positive when most of its swing has been
used up by the positive common mode voltage. For these
critical applications the integrator output swing can be reduced
to less than the recommended 2V full scale swing with little loss
of accuracy. The integrator output can swing to within 0.3V of
either supply without loss of linearity.
Differential Reference
The reference voltage can be generated anywhere within the
power supply voltage of the converter. The main source of
common mode error is a roll-over voltage caused by the
reference capacitor losing or gaining charge to stray
capacity on its nodes. If there is a large common mode
voltage, the reference capacitor can gain charge (increase
voltage) when called up to de-integrate a positive signal but
lose charge (decrease voltage) when called up to de-
integrate a negative input signal. This difference in reference
for positive or negative input voltage will give a roll-over
error. However, by selecting the reference capacitor such
that it is large enough in comparison to the stray
capacitance, this error can be held to less than 0.5 count
worst case. (See Component Value Selection.)
DISPLAY READING = 1000
VIN
VREF
---------------



DE-
DE+
CINT
CAZ
RINT
BUFFER
A-Z
INT
-
+
A-Z
COMPARATOR
IN HI
COMMON
IN LO
31
32
30
DE-
DE+
INT
A-Z
34
CREF+
36
REF HI
CREF
REF LO
35
A-Z,
A-Z,
33
CREF-
28
29
27
TO
DIGITAL
SECTION
A-Z AND DE

INTEGRATOR
INT
STRAY
STRAY
V+
10
A
V-
N
INPUT
HIGH
2.8V
6.2V
V+
1
INPUT
LOW
-
+
-
+
-
+
ZI
ZI
AND ZI
ZI
26
FIGURE 2. ANALOG SECTION OF ICL7136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com