Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL5586CIM Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL5586CIM
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5586CIM Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL5586CIM Datasheet HTML 10Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 11Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 12Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 13Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 14Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 15Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 16Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 17Page - Renesas Technology Corp ISL5586CIM Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ISL5586
FN4924 Rev 2.00
Page 14 of 20
Nov 3, 2004
Impedance and Gain Derivations
The feedback mechanism for monitoring the AC portion of
the loop current consists of two amplifiers, the sense
amplifier (SA) and the transmit amplifier (TA). The AC
feedback signal is used for impedance synthesis. A detailed
model of the AC feed back loop is provided below
Impedance Programming Resistor Derivation
The gain of the transmit amplifier, set by RS, determines the
programmed resistance of the SLIC. For complex line
terminations RS is replaced with a complex network ZS
(Figure 1). The capacitor CFB blocks the DC component of
the loop current. Figure 11 illustrates the impedance
synthesis loop. Note that the ground symbols shown in
Figures 11 through 14 represent AC grounds, not
necessarily actual DC potentials.
The receiver block provides a single-ended to differential
conversion with a voltage gain of 2. The voltage at Tip and
Ring due to the feedback from VZO is shown in Equation 35.
The Feedback amplifier (TA) provides the programmable
gain required for impedance synthesis to the Receiver block.
The output voltage (VZO) is a function of the Sense Amplifier
output voltage and the gain of the feedback amplifier, which
can be substituted for VZO.
The sense amplifier shown in Figure 11 is configured as a 4
input differential amplifier with a gain of 3/4. The output
voltage, VSA, is a function of the voltage across the Tip and
Ring sense resistors (20
 each) which can also be
expressed in terms of loop current.
Substituting Equation 37 into Equation 35 and rearranging
terms yields Z0, the SLIC’s synthesized 2-wire impedance.
Rearranging and solving for RS, Equation 39 shows the
relationship between the impedance programming resistor
and the programmed impedance.
4-WIRE TO 2-WIRE GAIN
The 4-wire to 2-wire gain is defined as the gain from the
differential receive input to the 2-wire load ZL. The gain is a
function of the terminating impedance, synthesized
impedance and protection resistors and is illustrated in
Figure 12. The input current to the receiver block Irx4w
comes from the difference of the VRX input current and the
VZO feedback current. This current is fed to the Tip and Ring
amplifiers and yields the relationship shown in Equation 40.
The voltage VZO, is a function of the sense amplifier output
voltage VSA.
VSA can be expressed in terms of loop current as shown in
Equation 42.
Substituting Equation 42 into Equation 41 gives Equation 43.
The VZ0 term in Equation 40 can now be replaced by
Equation 43 yielding Equation 44.
A loop equation can be derived for the 2-wire side that
replaces VTR as shown in the equation below.
Expressing IL in terms of V2W/ZL, rearranging, and solving
for V2W yields the relationship between the 2-wire voltage
and the output of the Receive amplifier.
The differential voice input is configured for a gain of 1.4.
The relationship between VRX and the voice input is shown
in Equation 47. Substituting for VRX, the 4-2-Wire gain is
shown in Equation 48. Note that the differential voice input is
outside the impedance synthesis loop, so the gain of the
receive amplifier has no effect on the SLIC’s impedance.
When the combination of the device source impedance and
the protection resistors equal the terminating impedance, the
receive gain equals 2.92dB and is inverted with respect to
the 4-wire input.
2-WIRE TO 4-WIRE GAIN
The 2-wire to 4-wire gain (G24) is defined as the gain from the
Tip and Ring terminals (VTR) to the VTX differential output.
VTR
2
–
VZO
=
(EQ. 35)
VTR
2
–
VSA
RS
8K
------------


=
(EQ. 36)
VSA
220IL
3 4
–
=
(EQ. 37)
Z0
VTR
IL
-----------
420IL
3
4
---
Rs
8K
------------
60
Rs
8K
------------
==
=
(EQ. 38)
RS
133.3 Z0
=
(EQ. 39)
VTR
2Vrx VZO
–

–
=
(EQ. 40)
VZ0
VSA
RS
8K
------------
–
=
(EQ. 41)
VSA
IL220
3
4
---
–
=
(EQ. 42)
VZ0
IL220
3
4
---
RS
8K
------------
–
=
(EQ. 43)
VTR
2Vrx
–
2 IL220
3
4
---


RS
8K
------------


–
=
(EQ. 44)
V2W IL 2Rp
+
2Vrx
–
IL 4 20
3
4
---


RS
8K
------------


–
=
(EQ. 45)
V2W
2Vrx
ZL
ZL Z0 2RP
++
--------------------------------------



–
=
(EQ. 46)
Vrx
1.4
VRXP VRXM
–

1.4 VRX4W
==
(EQ. 47)
V2W
VRX4W
--------------------
2.8
ZL
ZO + 2RP + ZL
------------------------------------------



–
=
(EQ. 48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com