Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL54004 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL54004
Description  Integrated Audio Amplifier Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54004 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL54004 Datasheet HTML 1Page - Renesas Technology Corp ISL54004 Datasheet HTML 2Page - Renesas Technology Corp ISL54004 Datasheet HTML 3Page - Renesas Technology Corp ISL54004 Datasheet HTML 4Page - Renesas Technology Corp ISL54004 Datasheet HTML 5Page - Renesas Technology Corp ISL54004 Datasheet HTML 6Page - Renesas Technology Corp ISL54004 Datasheet HTML 7Page - Renesas Technology Corp ISL54004 Datasheet HTML 8Page - Renesas Technology Corp ISL54004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL54004
FN6513 Rev 2.00
Page 5 of 13
October 30, 2007
Electrical Specifications - 3.6V Supply Test Conditions: VDD = +3.6V, GND = 0V, VINH = 1.4V. VINL = 0.4V, SD = GSO = GS1 = VINL,
CREF = 1µF, RL is terminated between SPK+ and SPK- for BTL driver and between Hp_ and
GND for SE drivers, Unless Otherwise Specified (Note 3)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 5)
TYP
MAX
(Notes 4, 5) UNITS
GENERAL
Quiescent Supply Current, IDD
HO = VINL or VINH, HD = VINL, RL = NoneInput AC
coupled to GND (0.1µF)
25
-
2.7
12
mA
Full
-
3
-
mA
Shutdown Supply Current, ISD
SD = VINH, HO = VINL or VINH, HD = VINL, RL = 8
BTLand RL = 32SEInput AC coupled to GND
(0.1µF)
25
-
13
50
mA
Full
-
15
-
mA
BTL AMPLIFIER DRIVER, HD = VINH, HO = VINH, UNLESS OTHERWISE SPECIFIED
Output Offset Voltage, VOS
Measured between SPK+ and SPK-, Input AC
coupled to GND (0.1µF)
25
-
25
-
mV
Full
-
40
-
mV
Power Supply Rejection Ratio, PSRR VRIPPLE = 200mVP-P
HD = 0V, RL = 8Input AC
coupled to GND (0.1µF)
FRIPPLE = 217Hz
25
-
49
-
dB
FRIPPLE = 1kHz
25
-
47
-
dB
Output Power, POUT
RL = 8, THD+N = 1%, f = 1kHz
25
-
310
-
mW
RL = 8, THD+N =10%, f = 1kHz
25
-
528
-
mW
Total Harmonic Distortion + Noise,
THD+N
RL = 8, POUT = 200mW, f = 1kHz
25
-
0.4
-
%
RL = 8, POUT = 200mW, f = 20Hz to 20kHz
25
-
0.4
-
%
Max Output Voltage Swing, VOUT
RL = 8, VSIGNAL = 3.6VP-P, f = 1kHz
25
-
5.8
-
VP-P
SINGLE ENDED AMPLIFIER DRIVERS, HD = VINH, HO = VINL, UNLESS OTHERWISE SPECIFIED
Power Supply Rejection Ratio, PSRR VRIPPLE = 200MVP-P,
HD = 0V, RL = 32Input AC
coupled to GND (0.1µF)
FRIPPLE = 217Hz
25
-
48
-
dB
FRIPPLE = 1kHz
25
-
47
-
dB
Output Power, POUT
RL = 16, THD+N =1%, f = 1kHz
25
-
80
-
mW
RL = 32, THD+N =1%, f = 1kHz
25
-
47
-
mW
RL = 16, THD+N = 10%, f = 1kHz
25
-
107
-
mW
RL = 32, THD+N = 10%, f =1kHz
25
-
58
-
mW
Total Harmonic Distortion + Noise,
THD+N
RL = 32, POUT = 15mW, f = 1kHz
25
-
0.15
-
%
RL = 32, POUT = 15mW, f = 20Hz to 20kHz
25
-
0.15
-
%
Max Output Voltage Swing, VOUT
RL = 32, VSIGNAL = 3.6VP-P, f = 1kHz
25
-
3.2
-
VP-P
LOGIC INPUT
Input Leakage Current, ISD, IGSx,
IHD, IHO
VDD = 3.6V, SD = 0V, GSx = 0V, HD = 0V , HO = 0V,
25
-
1.9
-
µA
Full
-
1.9
-
µA
Input Leakage Current, ISD, IGSx,
IHD, IHO
VDD = 3.6V, SD = VDD, GSx = VDD, HD = VDD,
HO = VDD
25
-
0.02
-
µA
Full
-
0.02
-
µA
VINH
Full
1.4
-
-
V
VINL
Full
-
-
0.4
V
NOTES:
3. VIN = input voltage to perform proper function.
4. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
5. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com