Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APD340 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APD340
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD340 Datasheet(HTML) 1 Page - Diodes Incorporated

  APD340 Datasheet HTML 1Page - Diodes Incorporated APD340 Datasheet HTML 2Page - Diodes Incorporated APD340 Datasheet HTML 3Page - Diodes Incorporated APD340 Datasheet HTML 4Page - Diodes Incorporated APD340 Datasheet HTML 5Page - Diodes Incorporated APD340 Datasheet HTML 6Page - Diodes Incorporated APD340 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APD340
Document number: DS36969 Rev. 3 - 2
1 of 7
www.diodes.com
April 2018
© Diodes Incorporated
APD340
SCHOTTKY BARRIER RECTIFIERS
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
40
3
0.5
0.5
Description
The APD340 is a low voltage dual Schottky rectifier suited for switch
mode power supplies and other power converters. This device is
intended for use in medium voltage operation, and particularly, in high
frequency circuits where low switching losses and low noise are
required.
The APD340 is available in standard DO-214AC package.
Applications
Low Voltage High Frequency Inverters
DC-DC Converters
Free Wheeling
Polarity Protection
Features
Low Forward Voltage: 0.5V @ +25°C
High Surge Current Capacity
+125°C Operating Junction Temperature
3A Total
Guard-Ring for Stress Protection
Pb-free Package is Available
Available in “Green” Packages: DO-214AC
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DO-214AC
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: DO-214AC
– 0.062Grams (Approximately)
DO-214AC
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorp
orated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Top View)
DO-214AC
Cathode
Anode
Cathode line by
marking
Green


Similar Part No. - APD340

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD340 BCDSEMI-APD340 Datasheet
536Kb / 8P
SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
APD340 DIODES-APD340 Datasheet
285Kb / 10P
SCHOTTKY BARRIER RECTIFIERS
Rev 2
APD340VG-E1 DIODES-APD340VG-E1 Datasheet
285Kb / 10P
SCHOTTKY BARRIER RECTIFIERS
Rev 2
APD340VG-G1 DIODES-APD340VG-G1 Datasheet
285Kb / 10P
SCHOTTKY BARRIER RECTIFIERS
Rev 2
APD340VGTR-E1 DIODES-APD340VGTR-E1 Datasheet
285Kb / 10P
SCHOTTKY BARRIER RECTIFIERS
Rev 2
More results

Similar Description - APD340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com