Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG4231A/012-Z2AL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HG4231A/012-Z2AL
Description  Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HG4231A/012-Z2AL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HG4231A/012-Z2AL Datasheet HTML 1Page - List of Unclassifed Manufacturers HG4231A/012-Z2AL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HG4231A
HG4231
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimentions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1.
All parameters, unless otherwise specified, are measured at ambient temperature 23ºC.
2.
Custom-made services available with operational quantity. Please let us know your special requirements.
3.
Specifications subject to change without prior notice.
HG4231 / HG4231A
2/2
T Y H Enterprise Limited
Room 1620B, Nan Fung Centre
264-298 Castle Peak Road
Tsuen Wan, N.T.
Hong Kong
Tel: 852-2416-0132
Fax: 852-2413-6229
http://www.tyhhk.com
email: info@tyhhk.com
Plant:
Shanghai Hi-Gradex Relay Mfg. Co., Ltd
918 Shixin Road
Airport Town
Pudong New Area
Shanghai 201202
China
Tel: 86-21-6299-5619 / -5877
Fax: 86-21-6299-5619
email: tyhesh@online.sh.cn
ORDERING DESIGNATION
Example:
HG4231
A /
012-
Z
1
C
L
Model
Type
A: Automotive
Coil Voltage Code
Contact Form
Version
1: Sealed; 2: Flux Free; 3: Dust Cover
Contact Material
General Purpose Type Coil Sensitivity
Nil: Standard 0.45W; L: Sensitive 0.36W
Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO
H: 1 Form A; D: 1 Form B; Z: 1 Form C
Nil: General Purpose



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com