Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

52-PV0H240SS341 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV0H240SS341
Description  HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV0H240SS341 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV0H240SS341_18 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV0H240SS-341
2:1
2/18/2016
52-PV0H240SS341
D
rc
1
1
RECOMMENDED
PANEL CUT-OUT
1-6mm THICKNESS
1
2
+
14.00
[.551 in]
9.00
[.354 in]
1.50
[.059 in]
1.50
[.059 in]
18.0 1.0
.71 .04 in
[
]
2.00
[.079 in]
M12 x 0.75
THREAD
HOUSING MATERIAL
STAINLESS STEEL
ACTUATOR MATERIAL
STAINLESS STEEL
12.00 -.00
.20
+
.472 -.000
.008
+
in
[
]
7.40
[.291 in]
RING ILLUMINATED
COLOR: BLUE
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NOS. FOR REF. ONLY
4. RATING: 2A @ 36VDC
5. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
6. INSULATION RESISTANCE: 1,000M
@ 500VDC
7. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
8. ELECTRICAL LIFE: 200,000 CYCLES
9. CONTACT MATERIAL: SILVER
10. OPERATING TEMPERATURE: -20 C TO 55 C
11. INGRESS PROTECTION: IP65
12. LED VOLTAGE: BASE VOLTAGE 2.8V TYP.
13.
DENOTES CRITICAL PARAMETER
14. 2011/65/EU (ROHS) COMPLIANT
15. HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
TERMINAL
2
TERMINAL
1
(+)
(-)
19.0 1.0
.75 .04 in
[
]
6.50
[.256 in]
7.30
[.287 in]
.50
[.020 in]
D
23192
UPDATED THREAD FROM ..0.5 TO ..0.75
1/29/18
MJR
C
22865
UPDATED RATING TO 2A @ 36VDC
5/26/17
MJR
1
2
CIRCUIT: SPST
+
+
-
-
+
-


Similar Part No. - 52-PV0H240SS341_18

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV0H240SS341 E-SWITCH-52-PV0H240SS341 Datasheet
151Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV0H240SS341_18

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0NN314 E-SWITCH-52-PV7F2T0NN314 Datasheet
179Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV7F2T0SS E-SWITCH-52-PV7F2T0SS Datasheet
175Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV7F2T0SS341M01 E-SWITCH-52-PV7F2T0SS341M01 Datasheet
127Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV7F2T0SS341M03 E-SWITCH-52-PV7F2T0SS341M03 Datasheet
128Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV7F2T0SS345 E-SWITCH-52-PV7F2T0SS345 Datasheet
151Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV7F2Y0SS345 E-SWITCH-52-PV7F2Y0SS345 Datasheet
113Kb / 1P
HARDWARE INCLUDED (NOT SHOWN) HEX NUT AND O-RING
52-PV0H240SS211 E-SWITCH-52-PV0H240SS211_18 Datasheet
159Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV0H240113G1 E-SWITCH-52-PV0H240113G1_18 Datasheet
165Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV0H24011231 E-SWITCH-52-PV0H24011231_18 Datasheet
158Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV0H24011341 E-SWITCH-52-PV0H24011341_17 Datasheet
159Kb / 1P
HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com