Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K4S643233F-SE/N Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4S643233F-SE/N
Description  2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643233F-SE/N Datasheet(HTML) 7 Page - Samsung semiconductor

  K4S643233F-SE/N Datasheet HTML 1Page - Samsung semiconductor K4S643233F-SE/N Datasheet HTML 2Page - Samsung semiconductor K4S643233F-SE/N Datasheet HTML 3Page - Samsung semiconductor K4S643233F-SE/N Datasheet HTML 4Page - Samsung semiconductor K4S643233F-SE/N Datasheet HTML 5Page - Samsung semiconductor K4S643233F-SE/N Datasheet HTML 6Page - Samsung semiconductor K4S643233F-SE/N Datasheet HTML 7Page - Samsung semiconductor K4S643233F-SE/N Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
K4S643233F-S(D)E/N/I/P
Rev. 1.5 Dec. 2002
CMOS SDRAM
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Notes :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Parameter
Symbol
- 75
-1H
-1L
Unit
Note
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
7.5
1000
9.5
1000
9.5
1000
ns
1
CAS latency=2
9.5
9.5
12
CAS latency=1
-
-
25
CLK to valid output delay
CAS latency=3
tSAC
5.4
7
7
ns
1,2
CAS latency=2
7
7
8
CAS latency=1
-
-
20
Output data hold time
CAS latency=3
tOH
2.5
2.5
2.5
ns
2
CAS latency=2
2.5
2.5
2.5
CAS latency=1
-
-
2.5
CLK high pulse width
tCH
2.5
3
3
ns
3
CLK low pulse width
tCL
2.5
3
3
ns
3
Input setup time
tSS
2.0
2.5
2.5
ns
3
Input hold time
tSH
1.0
1.5
1.5
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CLK to output in Hi-Z
CAS latency=3
tSHZ
5.4
7
7
ns
CAS latency=2
7
7
8
CAS latency=1
-
-
20
Notes :
1. Samsung are not designed or manufactured for use in a device or system that is used under circumstance in which human life
is potentially at stake. Please contact to the memory marketing team in samsung electronics when considering the use of
a product contained herein for any specific purpose, such as medical, aerospace, nuclear, military, vehicular or undersea
repeater use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com