Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL59834IRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL59834IRZ
Description  Quad Channel, Single Supply, Video Reconstruction Filter with On-Board Charge Pump
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59834IRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL59834IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL59834IRZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL59834
FN6268 Rev 1.00
Page 13 of 17
June 11, 2008
Description of Operation and Application Information
Theory of Operation
The ISL59834 is a single supply video driver with a
reconstruction filter and an on-board charge pump. It is
designed to drive SDTV displays with component (YPbPr), S-
video (Y-C), or composite video (CV) signals. The input signals
can be AC or DC-coupled. When AC-coupled, a sync tip clamp
sets the blank level to ground at the output of Channel 1 and
Channel 3. Keyed clamps force the average levels of Channel
2 and Channel 4 to ground. The keyed clamps force the
outputs to ground when SYNC_INA or SYNC_INB are driven
to the logic high state. The ISL59834 outputs are capable of
driving two AC or DC-coupled standard video loads and have a
4th order Butterworth reconstruction filter with nominal -3dB
frequency set to 9MHz, providing 40dB of attenuation at
27MHz. The ISL59834 is designed to operate with a single
supply voltage range ranging from 3.0V to 3.6V. This
eliminates the need for a split supply with the incorporation of
two charge pumps capable of generating a bottom rail as much
as 1.5V below ground; providing a 4.8V range on a single 3.3V
supply. This performance is ideal for NTSC video with
negative-going sync pulses.
Output Amplifier
The ISL59834 output amplifiers provide a gain of +6dB. The
output amplifiers are able to drive a 2.8VP-P video signal into a
150
 or 75load to ground.
The outputs are highly-stable, low distortion, low power, high
frequency amplifiers capable of driving moderate (~10pF)
capacitive loads.
Input/Output Range
The ISL59834 has a dynamic input range of 0 to 1.4VP-P This
allows the device to handle high amplitude video signal inputs.
As the input signal moves outside the specified range, the
output signal will exhibit increasingly higher levels of harmonic
distortion.
Charge Pump
The ISL59834 contains two charge pumps; charge pump A
supplies Channel 1 and 2, while charge pump B supplies
Channel 3 and 4. The ISL59834 charge pumps provide a
bottom rail up to 1.5V below ground while operating on a 3.0V
to 3.6V power supply. The charge pumps are internally
regulated and are driven by internal 9.5MHz clocks. The clock
FIGURE 25. NOISE SPECTRUM
FIGURE 26. CHARGE PUMP FEEDTHROUGH AT AMPLIFIER
OUTPUT
FIGURE 27. THD (dBc) vs OUTPUT VOLTAGE (VP-P)
FIGURE 28. PACKAGE POWER DISSIPATION
Typical Performance Curves
VCP = VS = 3.3V, CF1 = CF2 = 0.1µF, CS1 = CS2 = 0.22µF, CFIL1 =CFIL2 = 0.4µF, CIN1 = CIN2 =
CIN3 = CIN4 = 0.1µF, RL1 =RL2 = 150. (Continued)
0.1
1
10
100
0M
2M
4M
6M
8M
10M
FREQUENCY (Hz)
RMS NOISE = 2.87mV
OUTPUT REFERRED
CHARGE PUMP NOISE,
CONTRIBUTES ONLY A SMALL
PERCENTAGE OF THE
OVERALL NOISE
1M
3M
5M
7M
9M
TIME SCALE = 50ns/DIV
VERTICAL SCALE = 20mV/DIV
-70
-60
-50
-40
-30
-20
-10
0
0.5
0.8
1.1
1.4
1.7
2.0
OUTPUT VOLTAGE (V)
fIN = 5MHz
fIN = 500kHz
VS = VCP = +3.3V
RL = 150
VOUT = 0 TO 2VP, SINE WAVE
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
AMBIENT TEMPERATURE (°C)
44 LD QFN PACKAGE
7mmx7mm
JA = +32°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com