Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D2AW-C073D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2AW-C073D
Description  Sealed Ultra Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2AW-C073D Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2AW-C073D Datasheet HTML 1Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 2Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 3Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 4Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 5Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 6Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 7Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D2AW
Sealed Ultra Subminiature Basic Switch
2
List of Models
Contact Specifications
Note: For more information on the minimum applicable load, refer to Using Micro Loads.
Ratings
Note: The rating values apply under the following test conditions.
1. Ambient temperature: 20
± 2°C
2. Ambient humidity: 65
± 5%
3. Operating frequency: 20 operations/min
Actuator
Model
Without posts
Long post on
right
Long post on
left
M3-screw
mounting model
Short post on
right
Short post on
left
Terminals
Contact Form
Pin plunger
Solder
terminals
SPST-NC
D2AW-A002H
D2AW-BR002H
D2AW-BL002H
D2AW-C002H
D2AW-ER002H
D2AW-EL002H
SPST-NO
D2AW-A003H
D2AW-BR003H
D2AW-BL003H
D2AW-C003H
D2AW-ER003H
D2AW-EL003H
PCB terminals
SPST-NC
D2AW-A002D
D2AW-BR002D
D2AW-BL002D
D2AW-C002D
D2AW-ER002D
D2AW-EL002D
SPST-NO
D2AW-A003D
D2AW-BR003D
D2AW-BL003D
D2AW-C003D
D2AW-ER003D
D2AW-EL003D
Long straight leaf
lever
Solder
terminals
SPST-NC
D2AW-A052H
D2AW-BR052H
D2AW-BL052H
D2AW-C052H
D2AW-ER052H
D2AW-EL052H
SPST-NO
D2AW-A053H
D2AW-BR053H
D2AW-BL053H
D2AW-C053H
D2AW-ER053H
D2AW-EL053H
PCB terminals
SPST-NC
D2AW-A052D
D2AW-BR052D
D2AW-BL052D
D2AW-C052D
D2AW-ER052D
D2AW-EL052D
SPST-NO
D2AW-A053D
D2AW-BR053D
D2AW-BL053D
D2AW-C053D
D2AW-ER053D
D2AW-EL053D
Leaf lever
Solder
terminals
SPST-NC
D2AW-A062H
D2AW-BR062H
D2AW-BL062H
D2AW-C062H
D2AW-ER062H
D2AW-EL062H
SPST-NO
D2AW-A063H
D2AW-BR063H
D2AW-BL063H
D2AW-C063H
D2AW-ER063H
D2AW-EL063H
PCB terminals
SPST-NC
D2AW-A062D
D2AW-BR062D
D2AW-BL062D
D2AW-C062D
D2AW-ER062D
D2AW-EL062D
SPST-NO
D2AW-A063D
D2AW-BR063D
D2AW-BL063D
D2AW-C063D
D2AW-ER063D
D2AW-EL063D
Simulated roller
leaf lever
Solder
terminals
SPST-NC
D2AW-A072H
D2AW-BR072H
D2AW-BL072H
D2AW-C072H
D2AW-ER072H
D2AW-EL072H
SPST-NO
D2AW-A073H
D2AW-BR073H
D2AW-BL073H
D2AW-C073H
D2AW-ER073H
D2AW-EL073H
PCB terminals
SPST-NC
D2AW-A072D
D2AW-BR072D
D2AW-BL072D
D2AW-C072D
D2AW-ER072D
D2AW-EL072D
SPST-NO
D2AW-A073D
D2AW-BR073D
D2AW-BL073D
D2AW-C073D
D2AW-ER073D
D2AW-EL073D
Long leaf lever
Solder
terminals
SPST-NC
D2AW-A082H
D2AW-BR082H
D2AW-BL082H
D2AW-C082H
D2AW-ER082H
D2AW-EL082H
SPST-NO
D2AW-A083H
D2AW-BR083H
D2AW-BL083H
D2AW-C083H
D2AW-ER083H
D2AW-EL083H
PCB terminals
SPST-NC
D2AW-A082D
D2AW-BR082D
D2AW-BL082D
D2AW-C082D
D2AW-ER082D
D2AW-EL082D
SPST-NO
D2AW-A083D
D2AW-BR083D
D2AW-BL083D
D2AW-C083D
D2AW-ER083D
D2AW-EL083D
Contact
Specification
Slide
Material
Sliver Plated
Minimum applicable load ( see note )
5 VDC 1 mA
Rating voltage
Resistive load
12 VDC
0.1 A
Due to the idiosyncrasies of the automotive parts industry, a business decision is required on individual items
to determine when to start supply. Contact your OMRON representative for information on individual models.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com