Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS310 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SS310
Description  3.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SS310 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SS310 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SS310 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Metal silicon junction, majority carrier conduction
• For surface mount applications
• Low power loss, high efficiency
• High current capability, Low forward voltage drop.
• Low profile package
• Built-in strain relief, ideal for automated placement
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
• High temperature soldering guaranteed:
250/10sec at terminals
Mechanical Data
• Case: JEDEC DO-214AA, molded plastic body
• Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
Absolute Maximum Ratings and Characteristics
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, resistive or inductive load .For
capactive load , derate by 20%.
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
57
71
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
V
Maximum average forward rectified current
at 0.375”(9.5mm) lead length
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
80
A
Maximum Instantaneous forward voltage
at 3.0A (Note 1)
VF
0.50
0.75
0.85
V
1.5
Maximum instantaneous reverse
Current at rated DC blocking
at voltage (Note 1)
at TA = 25℃
at TA = 100℃
IR
IR
20
10
mA
Typical junction capacitance
Ctot
250
160
pF
Typical thermal resistance (Note 2)
RθJA
RθJA
55.0
17.0
Operating junction temperature range
TJ
-65 to +125
-65 to +150
Storage temperature range
TS
-65 to +150
Notes: 1. Pulse test: 300µs pulse width, 1% duty cycle
2.
P.C.B. mounted 0.55X.0.55”(14X14mm) copper pad areas
.280(7.11)
.012(.305)
.008(.203)
.320(8.13)
.050(1.27)
.260(6.60)
.006(.152)
.002(.051)
.305(7.75)
.030(0.76)
Unit: inch (mm)
SMC/DO-214AB
SS32 thru SS310
Pb
SS32 thru SS310
3.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Pb Free Plating Product
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.08C
Symbols SS32 SS33 SS34 SS35 SS36 SS38 SS310 Units
℃
/W
℃
℃


Similar Part No. - SS310

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS310 TSC-SS310 Datasheet
57Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS310 TSC-SS310 Datasheet
142Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS310 DAESAN-SS310 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS310 BILIN-SS310 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS310 TAITRON-SS310 Datasheet
200Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
3.0 Ampere Schottky Barrier Rectifiers
SS32 FAIRCHILD-SS32 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Thinki Semiconductor Co...
MBRB2035CT THINKISEMI-MBRB2035CT Datasheet
376Kb / 2P
20.0 Ampere Surface Mount Schottky Barrier Rectifiers
SS52-520 THINKISEMI-SS52-520 Datasheet
426Kb / 2P
5.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK42B THINKISEMI-SK42B Datasheet
456Kb / 2P
4.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
BR33 LUGUANG-BR33 Datasheet
1Mb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
K32 YIXIN-K32 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK32 BYTESONIC-SK32 Datasheet
190Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2019/5/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com