Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAST16086WA6 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAST16086WA6
Description  Compatible with automatic placement equipment.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST16086WA6 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAST16086WA6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST16086WA6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Package Outline Dimensions
-
+
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
EAST16086WA6
InGaN
Pure White
Yellow Diffused
DATASHEET
EAST16086WA6
Page 2 of 12
Rev. 0.01
Ver.:1 Release Date:10/15/2009 Confidential Level:一般 狀態:Approved(正式發行)
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com