Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1801 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1801
Description  SPARK for MED427A-1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1801 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1801 Datasheet HTML 1Page - Microsemi Corporation LX1801 Datasheet HTML 2Page - Microsemi Corporation LX1801 Datasheet HTML 3Page - Microsemi Corporation LX1801 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
Carlsbad Division
5973 Aveniva Encinas, Suite 101, Carlsbad 92008, Fax (760) 431-0541
1
Copyright
 2001
Rev. 0.2b, 2002-06-17
LX1801
"SPARK" for MED427A-1
TARGET DATASHEET
CAR L S B A D D IV IS IO N
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The MSC-LX1801 is the IC1 "Spark" for the MED427A-1 module. The "Spark"
chip has an oscillator, a voltage doubler, and a level shifter. The oscillator is a
"555" timer variant where the external resistor (Rref) determines the frequency.
The voltage doubler increases the output (OUT) of the oscillator by a factor of 2
(times VDDLO). The voltage doubler also provides a single output voltage if
disabled (EN2x). This level shifter shifts voltage inputs from the lower voltage
(VDDlo) to the higher voltage (VDDhi).
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
BLOCK DIAGRAM
BLOCK DIAGRAM
BLOCK DIAGRAM
BLOCK DIAGRAM
Simplified Block Diagram
PACKAGE ORDER INFO
PACKAGE ORDER INFO
PACKAGE ORDER INFO
PACKAGE ORDER INFO
TJ (
°C)
Package Number
10 to 55
LX1801
KEY FEATURES
KEY FEATURES
KEY FEATURES
KEY FEATURES
Low peak current
consumption: <2mA
3V operation
Small form factor: 1.45mm
2
Double/single output voltage
option
Solder bumped die
EN2X
OUThi
VSS
Ref
Oscillator
ENlo
VDDlo
OUTlo
RREF
ENhi
Level
Shifter
Voltage
Doubler
2x
VDDlo
VDDhi
VSS


Similar Part No. - LX1801

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1800 MICROSEMI-LX1800 Datasheet
172Kb / 10P
LX1800ILD
LX1802 MICROSEMI-LX1802 Datasheet
135Kb / 4P
PLUG for MED427A-1
More results

Similar Description - LX1801

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
SPARK QUENCHER
RE120001 OKAYA-RE120001 Datasheet
306Kb / 1P
SPARK QUENCHER
XE01001 OKAYA-XE01001 Datasheet
401Kb / 1P
SPARK QUENCHER
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
SPARK QUENCHER
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
SPARK GAPS
logo
Okaya Electric America,...
AU120033 OKAYA-AU120033_14 Datasheet
80Kb / 1P
SPARK QUENCHER
RE12001 OKAYA-RE12001_14 Datasheet
78Kb / 1P
SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
SPARK QUENCHER
logo
Microsemi Corporation
LX1802 MICROSEMI-LX1802 Datasheet
135Kb / 4P
PLUG for MED427A-1
logo
Suntan Capacitors
TS21 SUNTAN-TS21_17 Datasheet
173Kb / 1P
SPARK CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com