Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR10100CS2-E1 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # MBR10100CS2-E1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10100CS2-E1 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button MBR10100CS2-E1 Datasheet HTML 4Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 5Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 6Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 7Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 8Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 9Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 10Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 11Page - Diodes Incorporated MBR10100CS2-E1 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MBR10100C
Document number: DS36953 Rev. 5 - 2
8 of 13
www.diodes.com
December 2017
© Diodes Incorporated
MBR10100C
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(2)
Package Type: TO-220-3 (2)
3°
3
°
3°
9.800(0.386)
10.200(0.402)
3.560(0.140)
3.640(0.143)
0.700(0.028)
0.900(0.035)
1.170(0.046)
1.390(0.055)
2.540(0.100)
REF
2.540(0.100)
REF
1.200(0.047)
1.400(0.055)
0.600(0.024)
REF
4.400(0.173)
4.600(0.181)
2.200(0.087)
2.500(0.098)
0.400(0.016)
0.600(0.024)
1.620(0.064)
1.820(0.072)
1.200(0.047)
1.400(0.055)
F
3.000(0.118)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com