Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPL Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPL
Description  2W Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPL_18 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL_18 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL_18 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPL Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 3 of 3
All dimensions in mm ±0.25mm. All pins on a 2.54mm
pitch and within ±0.25mm of true position.
Weight: 2.0g
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300
℃for 10 seconds. The series is backward compatible with Sn/Pb
soldering systems
MECHANICAL DIMENSIONS
PIN CONNECTIONS-4PIN SIP
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
9.30
5.00
Unless otherwise stated all dimensions in mm±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 35
Unless otherwise stated all dimensionsmm ±0.5mm.
2.54
1.15
1.00 4
孔
4HOLES
2.54
YYWW
TPL0505S
14.00
1
2
3
4
7.50
10.00
0.50
0.45
4.60
3.60
7.62
0.30
0.20
1.25
3.38
0.50
0.45
bottom view
TOPPOWER
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com