Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VMS-R020-1.0-U Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # VMS-R020-1.0-U
Description  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

VMS-R020-1.0-U Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  VMS-R020-1.0-U Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG VMS-R020-1.0-U Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG VMS-R020-1.0-U Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG VMS-R020-1.0-U Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 /4
ISA-PLAN® // PrecISIoN reSIStorS
VMS // Size 2512
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 05-July-2017 // current valid issue: see www.isabellenhuette.de
Temperature dependence of the electrical resistance
Power derating curve
Stability < 0.7 %
Improved stability < 0.5 %
Limiting curve
typical temperature dependence of a VMS resistor
temperature [°c]
terminal temperature tK [°c]
P/PNom
dr/r20 [%]
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
0,8
1,0
-40
-20
0
20
40
60
80
100
120
140
160
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Mechanical dimensions and pcb-layout proposal (Reflow-soldering) [mm] / Drawing Z-YE-497
Type L
W
H
A
B
VMS
6.35 ±0.3 3.05 ±0.2 0.4 ±0.15
0.9 ±0.2
0.5 ±0.2
Solder pad type l
w
a
b
c
VMS
7.5
3.6
1.55
2.6
1.0
Layout 2
Layout for values > 30 mohm if tc < 20 ppm/K is required
Layout 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com