Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001LEVALZ Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 28Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 29Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 30Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 31Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 32Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 33Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 32 of 34
June 27, 2012
A/D Evaluation Platform
Intersil offers an A/D Evaluation platform which can be used to
evaluate any of Intersil’s high speed A/D products. The platform
consists of a FPGA based data capture motherboard and a family
of A/D daughtercards. This USB based platform allows a user to
quickly evaluate the A/D’s performance at a user’s specific
application frequency requirements. More information is
available at
http://www.intersil.com/converters/adc_eval_platform/
Layout Considerations
Split Ground and Power Planes
Data converters operating at high sampling frequencies require
extra care in PC board layout. Many complex board designs
benefit from isolating the analog and digital sections. Analog
supply and ground planes should be laid out under signal and
clock inputs. Locate the digital planes under outputs and logic
pins. Grounds should be joined under the chip.
Clock Input Considerations
Use matched transmission lines to the transformer inputs for the
analog input and clock signals. Locate transformers and
terminations as close to the chip as possible.
Exposed Paddle
The exposed paddle must be electrically connected to analog
ground (AVSS) and should be connected to a large copper plane
using numerous vias for optimal thermal performance.
Bypass and Filtering
Bulk capacitors should have low equivalent series resistance.
Tantalum is a good choice. For best performance, keep ceramic
bypass capacitors very close to device pins. Longer traces will
increase inductance, resulting in diminished dynamic
performance and accuracy. Make sure that connections to
ground are direct and low impedance. Avoid forming ground
loops.
LVDS Outputs
Output traces and connections must be designed for 50
 (100
differential) characteristic impedance. Keep traces direct and
minimize bends where possible. Avoid crossing ground and
power-plane breaks with signal traces.
LVCMOS Outputs
Output traces and connections must be designed for 50
characteristic impedance.
Unused Inputs
Standard logic inputs (RESETN, CSB, SCLK, SDIO, SDO) which will
not be operated do not require connection to ensure optimal A/D
performance. These inputs can be left floating if they are not
used. Tri-level inputs (NAPSLP) accept a floating input as a valid
state, and therefore should be biased according to the desired
functionality.
Definitions
Analog Input Bandwidth is the analog input frequency at which
the spectral output power at the fundamental frequency (as
determined by FFT analysis) is reduced by 3dB from its full-scale
low-frequency value. This is also referred to as Full Power
Bandwidth.
Aperture Delay or Sampling Delay is the time required after the
rise of the clock input for the sampling switch to open, at which
time the signal is held for conversion.
Aperture Jitter is the RMS variation in aperture delay for a set of
samples.
Clock Duty Cycle is the ratio of the time the clock wave is at logic
high to the total time of one clock period.
Differential Non-Linearity (DNL) is the deviation of any code width
from an ideal 1 LSB step.
Effective Number of Bits (ENOB) is an alternate method of
specifying Signal to Noise-and-Distortion Ratio (SINAD). In dB, it
is calculated as: ENOB = (SINAD - 1.76)/6.02
Gain Error is the ratio of the difference between the voltages that
cause the lowest and highest code transitions to the full-scale
voltage less than 2 LSB. It is typically expressed in percent.
I2E The Intersil Interleave Engine. This highly configurable
circuitry performs estimates of offset, gain, and sample time
skew mismatches between the core converters, and updates
analog adjustments for each to minimize interleave spurs.
Integral Non-Linearity (INL) is the maximum deviation of the
A/D’s transfer function from a best fit line determined by a least
squares curve fit of that transfer function, measured in units of
LSBs.
FIGURE 49. VCM_OUT OUTPUT
Equivalent Circuits (Continued)
VCM
AVDD
0.94V
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com