Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZCWM05GIV1 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # ZCWM05GIV1
Description  ZMOTION짰 Lenses
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZCWM05GIV1 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button ZCWM05GIV1 Datasheet HTML 17Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 18Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 19Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 20Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 21Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 22Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 23Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 24Page - Zilog, Inc. ZCWM05GIV1 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
PS028610-1114
ZMOTION Detection and Control Lens Specifications
ZMOTION® Lenses
Product Specification
15
Figure 10. The ZCWM05GIV1 Lens Specification: Ceiling Mount, #1 of 2
TOP VIEW:
CL
Note: The "beam" pattern
obtained depends strongly
on the detector used with
this array. The pattern
shown is intended solely
as a general guide.
0
1.5m
(5ft)
3.0m
(10ft)
4.6m
(15ft)
1.5m
(5ft)
3.0m
(10ft)
4.6m
(15ft)
SIDE VIEW:
0
0.9m
(3ft)
1.5m
(5ft)
2.1m
(7ft)
2.7m
(9ft)
3.7m
(12ft)
0
1.5m
(5ft)
2.1m
(7ft)
2.7m
(9ft)
3.7m
(12ft)
0.9m
(3ft)
CL
8ft
FRONT VIEW :
1mm R
(0.04in)
24mm
(0.94in)
24mm
(0.94in)
2mm R
(0.08in)
14.2mm
(0.56in)
12mm
(0.47in)
5.2mm
(0.2in)
CLIP DETAILS:
(Scale 10:1)
3.2mm
(0.125in)
1mm
(0.04in)
1.7mm
(0.065in)
2.5mm
(0.1in)
1.5mm
(0.06in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com