Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZEPIR0AAS02MODG Datasheet(PDF) 4 Page - Zilog, Inc.

Part # ZEPIR0AAS02MODG
Description  ZMOTION Detection Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZEPIR0AAS02MODG Datasheet(HTML) 4 Page - Zilog, Inc.

  ZEPIR0AAS02MODG Datasheet HTML 1Page - Zilog, Inc. ZEPIR0AAS02MODG Datasheet HTML 2Page - Zilog, Inc. ZEPIR0AAS02MODG Datasheet HTML 3Page - Zilog, Inc. ZEPIR0AAS02MODG Datasheet HTML 4Page - Zilog, Inc. ZEPIR0AAS02MODG Datasheet HTML 5Page - Zilog, Inc. ZEPIR0AAS02MODG Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZMOTION™ Detection Module
4
MOTION DETECTION SOLUTIONS
APPLICATIONS
Power Management
Control power to any publicly-
accessed device based on
activity in addition to time of
day
HVAC
Room heating sources on and
off automatically based on
occupancy
Turn air conditioners on and off
when people enter and leave a
room
Reduce power consumption of
air purifiers and fans by turning
them on only when people are
in the room
Electrical Characteristics
Item
Min.
Typ.
Max.
Operating Voltage
2.7V
3.3V
3.6V
Operating Current
8.9mA
Sleep Mode Current
450µA
/MD Output Drive
25mA
/MD Output Duration
(Active Low)
Programmable
H/W Mode: 2s – 15min
Serial Mode: 1s to 128min
Stabilization Time
Dynamic
Coverage
Angle
60°
Range
5m
Dimensions
25.5mm x 16.7mm x 9.5mm
Temperature Range
–0°C
+70°C
Ordering Information
Order the ZMOTION Detection Module from your local Zilog Distributor using the part numbers below.
For more information, or to download product collateral and software, please visit us at
www.zilog.com.
Part Number
Description
ZEPIR0AAS02MODG
ZEPIR0ABS02MODG
ZMOTION Detection Module (Right-Angle Connector)
ZMOTION Detection Module (Straight Connector)
ZEPIR000102ZCOG
ZMOTION Detection Module Development Kit
Documentation
The collateral referenced below is a sample of the documentation available for the ZMOTION Detection
Module. For a complete listing of all available application notes, product specifications, user manuals,
and sample libraries, please visit us at www.zilog.com.
Document Number
Description
PS0284
ZMOTION Detection Module Product Specification
UM0223
ZMOTION Detection Module Development Kit User Manual



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com