Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM7180SFP Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM7180SFP
Description  Ultra Low Power Sensor Fusion Platform
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM7180SFP Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM7180SFP Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM7180SFP Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
EM7180SFP
Copyright
2014, EM Microelectronic-Marin SA
7180SFP-DS Version 1.1, 10-Dec-14
13
www.emmicroelectronic.com
420005-A01, 2.0
I2C Sensor Interface (Sensor Bus)
SENtral coprocessor communicates with BMX055 sensor and serial EEPROM over I2C sensor bus (internal to SFP). Host MCU
can communicate directly with EEPROM and BMX055 sensor when the SENtral coprocessor is put into Pass-Through mode.
Note that Pass-Through mode is supported when SENtral is in Standby state (normal operation is suspended). Communication
speed in Pass-Through mode is limited to 400 kbit/s (Fast Mode).
I2C Pull-Up Resistance
The pull-up resistor value for both the host and sensor bus will depend on the I2C data rate and the number of devices on the
bus.
I2C mode
Rate
(kbit/s)
Rise Time
(ns)
Max Cb(pF)
4.7kΩ pull-up
2.47kΩ pull-up
Standard
100
1000
251.1
491.8
Fast
400
300
75.3
147.5
Fast Plus
High Speed- 1.7
MHz
1000
120
30.1
59.0
Clock
1700
80
20.1
39.3
Data
1700
160
40.2
78.7
High Speed- 3.4
MHz
Clock
3400
40
10.0
19.7
Data
3400
80
20.1
39.3
Table 12
provides the maximum acceptable bus capacitance, as a function of bus rate, which can be accommodated with a 4.7
kΩ or 2.4 kΩ pull-up resistor. As a general rule, each device connected to the bus represents 10 pF of capacitance on the bus,
so a bus with 4 devices would re
quire a “Max Cb” value of >40 pF.
I2C mode
Rate
(kbit/s)
Rise Time
(ns)
Max Cb(pF)
4.7kΩ pull-up
2.47kΩ pull-up
Standard
100
1000
251.1
491.8
Fast
400
300
75.3
147.5
Fast Plus
High Speed- 1.7
MHz
1000
120
30.1
59.0
Clock
1700
80
20.1
39.3
Data
1700
160
40.2
78.7
High Speed- 3.4
MHz
Clock
3400
40
10.0
19.7
Data
3400
80
20.1
39.3
Table 12 I2C Pull-Up Resistance Table
As the table
implies, for most Standard and Fast Mode implementations a 4.7 kΩ pull-up should work well, while a 2.4 kΩ pull-
up normally should be used for Fast Plus. See Section 7.1 of NXP’s UM10204 specification for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com