Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9110 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9110 Datasheet HTML 1Page - Renesas Technology Corp X9110 Datasheet HTML 2Page - Renesas Technology Corp X9110 Datasheet HTML 3Page - Renesas Technology Corp X9110 Datasheet HTML 4Page - Renesas Technology Corp X9110 Datasheet HTML 5Page - Renesas Technology Corp X9110 Datasheet HTML 6Page - Renesas Technology Corp X9110 Datasheet HTML 7Page - Renesas Technology Corp X9110 Datasheet HTML 8Page - Renesas Technology Corp X9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 2 of 18
October 28, 2016
Applications
Circuit Level Applications
• Vary the gain of a voltage amplifier
• Provide programmable DC reference voltages for comparators
and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage amplifier circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and Q-factor in filter
circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the DC biasing of a pin diode attenuator in RF circuits
• Provide a control variable (I, V, or R) in feedback circuits
System Level Applications
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in communication
systems
• Set and regulate the DC biasing point in an RF power amplifier
in wireless systems
• Control the gain in audio and home entertainment systems
• Provide the variable DC bias for tuners in RF wireless systems
• Set the operating points in temperature control systems
• Control the operating point for sensors in industrial systems
• Trim offset and gain errors in artificial intelligent systems
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
RANGE (kΩ)
TEMP RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG. DWG. #
X9110TV14Z (Note 1)
X9110 TVZ
5 ±10
100
0 to +70
14 Ld TSSOP
M14.173
X9110TV14IZ
X9110 TVZI
-40 to +85
14 Ld TSSOP
M14.173
X9110TV14Z-2.7
X9110 TVZF
2.7 to 5.5
0 to +70
14 Ld TSSOP
M14.173
X9110TV14IZ-2.7 (Note 1) X9110 TVZG
-40 to +85
14 Ld TSSOP
M14.173
NOTES:
1. Add “T1” suffix for 2.5k unit tape and reel option.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see product information page for X9110. For more information on MSL, see tech brief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com